Electronic Components Datasheet Search
  English  ▼

X  

720XP-1RU Datasheet(PDF) 7 Page - Arista Networks, Inc

Part # 720XP-1RU
Description  720XP 1RU Cognitive Campus Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-1RU Datasheet(HTML) 7 Page - Arista Networks, Inc

Back Button 720XP-1RU Datasheet HTML 3Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 4Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 5Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 6Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 7Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 8Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 9Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 10Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 11Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Overview
•
Phone: +1 866-476-0000 or +1 408-547-5502.
Note:
There are no user-serviceable parts inside. Refer all servicing to qualified service personnel.
Aucune pièce réparable par l'utilisateur à l'intérieur. Confiez toute réparation à un technicien
qualifié.
1.6
Specifications
Table 1: Switch Specifications (Dimensions and Weights)
Switch
Size (W x H x D)
Weight
CCS-720XP-48ZC2
48.3 x 4.4 x 31.7 cm
(19 x 1.75 x 12.5 inches)
7.0 kg (15.6 lbs.)
CCS-720XP-24ZY4
48.3 x 4.4 x 31.7 cm
(19 x 1.75 x 12.5 inches)
6.2 kg (13.6 lbs.)
CCS-720XP-48Y6
48.3 x 4.4 x 31.7 cm
(19 x 1.75 x 12.5 inches)
6.9 kg (15.3 lbs.)
CCS-720XP-24Y6
48.3 x 4.4 x 31.7 cm
(19 x 1.75 x 12.5 inches)
6.0 kg (13.3 lbs.)
CCS-720XP-48TXH-2C-S
44.0 x 4.4 x 37.5 cm
(17.3 x 1.73 x 14.76 inches)
6.0 kg (13.3 lbs)
CCS-722XPM-48ZY8
44.5 x 4.4 x 42.0 cm
(17.5 x 1.75 x 16.8 inches)
7.5 kg (16.5 lbs.)
CCS-722XPM-48Y4
44.5 x 4.4 x 36.4 cm
(17.5 x 1.75 x 14.5 inches)
6.8 kg (15.0 lbs.)
Table 2: Switch Specifications (Operational and Storage)
Switch
Operating
Temperature
Storage
Temperature
Operating Altitude
Relative Humidity
All
0° to 40°C
(32° to 104°F)
-25° to 70°C
(-13° to 158°F)
0 to 3,000 meters
(0 to 10,000 feet)
5 to 90%
(non-condensing)
Table 3: Switch Power Supply Specifications (Power Input - AC)
Power Source
PSU Models
Ratings
Input (AC Power)
PWR-1021-AC
100 - 240 VAC, 12 to 5.0 A, 50/60 Hz
Input (AC Power)
PWR-621-AC
100 - 240 VAC, 8.0 to 3.5 A, 50/60 Hz
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com