Electronic Components Datasheet Search
  English  ▼

X  

720XP-1RU Datasheet(PDF) 17 Page - Arista Networks, Inc

Part # 720XP-1RU
Description  720XP 1RU Cognitive Campus Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-1RU Datasheet(HTML) 17 Page - Arista Networks, Inc

Back Button 720XP-1RU Datasheet HTML 13Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 14Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 15Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 16Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 17Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 18Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 19Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 20Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 21Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Cabling the Switch
Figure 4-3: DC Power Supply (PWR-721-DC-RED)
1
Power supply status LED
4
Battery return (RTN)
7
Plastic cover
2
-48V
5
Protective earth
3
Release
6
Handle
Note:
A disconnect device must be provided as part of the installation.
Assure power is removed from DC circuits before performing any installation actions. Locate the
disconnect device, circuit breakers, or fuses on DC power lines servicing the circuits. Turn off the
power line circuits or remove the fuses.
Wire size must comply with local and national requirements and electrical codes. Use only copper
wire.
Apply ground connection to the switch first during installation and remove last when removing power.
Un dispositif de sectionnement doit être fourni dans le cadre de l'installation.
Pouvoir assurer qu'il est retiré de circuits DC avant d'effectuer des actions d'installation . Localiser
les disjoncteurs ou des fusibles sur les lignes de courant continu desservant les circuits. Coupez les
circuits de lignes d'alimentation ou retirer les fusibles.
Le calibre du fil doit être conforme aux exigences locales et nationales et les codes électriques.
Utiliser du fil de cuivre.
Appliquer connexion à la terre à l'interrupteur premier lors de l'installation et de supprimer la dernière
alimentation lors du débranchement.
4.2.2.1
Wire and Lug Preparation
Before installing, remove power from DC circuits by turning off the power line servicing the circuits. Prepare
the stranded wiring before you begin a DC power installation.
Note: Stranded copper wiring is required and should meet local and national installation
requirements. Wires and grounding lugs are not supplied.
1. Attach an ESD grounding strap.
2. Prepare the stranded copper wiring for the power supply to be used. Table 6: Wiring, Lug, and Tightening
Torques for DC PSU provide wiring, lug, and tightening torque information for the power supplies covered
in this guide.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com