Electronic Components Datasheet Search
  English  ▼

X  

720XP-1RU Datasheet(PDF) 21 Page - Arista Networks, Inc

Part # 720XP-1RU
Description  720XP 1RU Cognitive Campus Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-1RU Datasheet(HTML) 21 Page - Arista Networks, Inc

Back Button 720XP-1RU Datasheet HTML 17Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 18Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 19Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 20Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 21Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 22Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 23Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 24Page - Arista Networks, Inc 720XP-1RU Datasheet HTML 25Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Chapter
5
Configuring the Switch
Arista switches ship from the factory in Zero Touch Provisioning (ZTP) mode. ZTP configures the switch
without user intervention by downloading a startup configuration file or a boot script from a location specified
by a DHCP server. To manually configure a switch, ZTP is bypassed. The initial configuration provides one
username (
admin) that is accessible only through the console port because it has no password.
When bypassing ZTP, initial switch access requires logging in as
admin, with no password, through the
console port. Then, you can configure an
admin password and other password-protected usernames.
This manual configuration procedure cancels ZTP mode, logs into the switch, assigns a password to the
admin, assigns an IP address to the management port, and defines a default route to a network gateway.
1. Provide power to the switch (Cabling the Switch).
2. Connect the console port to a PC (Connecting Serial and Management Cables).
As the switch boots without a startup-config file, it displays the following through the console:
The device is in Zero Touch Provisioning mode
and is attempting to download the startup-config
from a remote system. The device will be fully
functional after a valid startup-config is
downloaded from a remote system or Zero Touch
Provisioning is canceled. To cancel Zero
Touch Provisioning, log in as an admin and
type 'zerotouch cancel' in the CLI.
localhost login:
3. Log into the switch by typing
admin at the login prompt.
localhost login:
admin
4. Cancel ZTP mode by typing
zerotouch cancel.
Important: This step initiates a switch reboot.
localhost>
zerotouch cancel
5. After the switch boots, log into the switch again by typing
admin at the login prompt.
Arista EOS
localhost login:
admin
Last login: Fri Mar 15 13:17:13 on console
6. Enter global configuration mode.
localhost>
enable
localhost#
config
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com