Electronic Components Datasheet Search
  English  ▼

X  

720XP-48Y6 Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # 720XP-48Y6
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-48Y6 Datasheet(HTML) 1 Page - Arista Networks, Inc

  720XP-48Y6 Datasheet HTML 1Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 2Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 3Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 4Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 5Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 6Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 7Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 8Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Overview
The Arista Cognitive Campus CCS-720XP series switches deliver wire speed
connectivity and power for all campus user workloads, under the management and
monitoring of Arista Cognitive Campus Services. The suite of platforms offer a variety
of connection options for user desktops, PoE appliances and IoT devices. Managed
802.3af/at/bt power services deliver up to 90W per RJ45 port, with speed options
ranging from 10Mbps to 10Gbps. Modular SFP+, SFP28 and QSFP28 uplinks support
speeds from 1Gbps to 100Gbps delivering network design flexibility and scalability.
CCS-720XP Campus Switches
Data Sheet
Product Highlights
720XP-96ZC2
• 80 x mGig (100M - 2.5Gb) RJ45 @ 60W
• 16 x mGig (100M - 5Gb) RJ45 @ 60W
• Uplinks: 4x 25G, 2x 100G
720XP-48ZC2
• 40 x mGig (100M - 2.5Gb) RJ45 @ 30W
• 8 x mGig (100M - 5Gb) RJ45 @ 60W
• Uplinks: 4x 25G, 2x 100G
720XP-24ZY4
• 16 x mGig (100M - 2.5Gb) RJ45 @ 30W
• 8x mGig (100M - 5Gb) RJ45 @ 60W
• Uplinks: 4x 25G
720XP-48Y6
• 48 x 10M-1GbE RJ45 @ 30W
• Uplinks: 6x 25G
720XP-24Y6
• 24x 10M-1GbE RJ45 @ 30W
• Uplinks: 6x 25G
720XP-48TXH-2C-S
• 48x mGig (1/2.5/5/10G) @ 90W
• Uplinks: 2x 100G, 4x 25G
Segmentation and overlay
• 4096 802.1Q VLANs
• IPv4/v6 VRFs
• 16.7 Million VXLAN networks
• EVPN L2/3 (type 2/5)
Traffic and Flow Monitoring
• Hardware accelerated monitoring
• sFlow and IPFIX
• FlowTracker to inventory devices and
monitor conversations
Cognitive Campus Resilience
• N+1 redundant power/cooling
• Active/Active MLAG aggregation
• Dynamic uplink load balancing
• SSU for software upgrades and
hitless patching
Arista Extensible Operating System
(EOS®)
• Single binary image
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full access to Linux shell and tools
• Extensible platform - bash, python,
C++ , GO, OpenConfig
Cognitive Campus
The Cognitive Management Plane (CMP)  in Arista’s EOS provides rich control and
telemetry APIs used to simplify and automate the deployment, and maintenance of
campus infrastructure while also providing real-time monitoring of campus users,
applications and devices. As with all Arista platforms, EOS supports auto
provisioning by way of Arista Zero Touch Provisioning (ZTP) to simplify device
administration through CloudVision, or popular DevOps toolsets. In addition to
legacy polling management, EOS CMP delivers real time telemetry to administrators
using open GRPC/GNMI APIs used in OpenConfig, allowing administrators to create
custom management tools.
Arista EOS
The Arista 720XP series runs the same Arista EOS software as all Arista products,
simplifying network administration. Arista EOS is a modular switch operating system
with a unique state sharing architecture that cleanly separates switch state from
protocol processing and application logic. Built on top of a standard Linux kernel, all
EOS processes run in their own protected memory space and exchange state
through an in-memory database. This multi-process state sharing architecture
provides the foundation for in-service-software updates and self-healing resiliency.
With Arista EOS, advanced monitoring and automation capabilities such as Zero
Touch Provisioning, VMTracer and Linux based tools can be run natively on the
switch.
Arista’s common binary EOS provides a comprehensive, standards based, layer 2 and
3 feature set that includes EVPN virtualization and QoS services. EOS supports
standards based 802.1X access control, and LLDP device identification services to
automate admission and segmentation of users, appliances, plus all mission critical
voice, video and general purpose applications in the campus. Together, Arista’s
family of switching and WiFi platforms are managed through a single Cognitive
Campus management plane in CloudVision, providing sub-second real time
telemetry, database archival and automated analytics to manage and monitor the
infrastructure, users and applications in the Campus-Cloud Network.
Arista 720XP Portfolio


Similar Part No. - 720XP-48Y6

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
720XP-1RU ARISTA-720XP-1RU Datasheet
1Mb / 37P
720XP 1RU Cognitive Campus Switches
720XP-2RU ARISTA-720XP-2RU Datasheet
1Mb / 34P
720XP Series 2 RU Cognitive Campus Switches
More results

Similar Description - 720XP-48Y6

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
BZ-2RQ-A2 HONEYWELL-ACC-BZ-2RQ-A2 Datasheet
515Kb / 9P
Manual Switches Sealed Toggle Switches
logo
Assmann Electronics Inc...
AK244-2-R ASSMANN-AK244-2-R Datasheet
59Kb / 1P
Audio Extension Cable CCS, Stereo, Shielded
logo
ams AG
CCS801 AMSCO-CCS801 Datasheet
778Kb / 7P
Cambridge CMOS Sensors (CCS) micro-hotplate technology provides
CCS803 AMSCO-CCS803 Datasheet
622Kb / 7P
Cambridge CMOS Sensors (CCS) micro-hotplate technology
logo
Microchip Technology
TDKEZW5 MICROCHIP-TDKEZW5 Datasheet
78Kb / 1P
CCS EZ Web Lynx 5V Module
2/1/2012
TDKEZW3 MICROCHIP-TDKEZW3 Datasheet
77Kb / 1P
CCS EZ Web Lynx 3V Module
2/1/2012
logo
Laird Tech Smart Techno...
S57212AMP-51512 LSTD-S57212AMP-51512 Datasheet
551Kb / 1P
CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
logo
PANDUIT CORP.
CCS12-S8 PANDUIT-CCS12-S8 Datasheet
62Kb / 1P
CCS-CABLE CLAMP
6/26/96
logo
PHOENIX CONTACT
1076600 PHOENIX-1076600 Datasheet
63Kb / 3P
Cable gland - G-CCS-M25-M66N-PNES-BK
10/28/2020
logo
ITT Industries
CCS1 ITT-CCS1 Datasheet
1Mb / 6P
CCS 1 and CCS 2 DC Fast Charging Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com