Electronic Components Datasheet Search
  English  ▼

X  

720XP-48Y6 Datasheet(PDF) 11 Page - Arista Networks, Inc

Part # 720XP-48Y6
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-48Y6 Datasheet(HTML) 11 Page - Arista Networks, Inc

Back Button 720XP-48Y6 Datasheet HTML 7Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 8Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 9Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 10Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 11Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 12Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 13Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 14Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 15Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Interface Type
40/100G QSFP Ports
10GBASE-CR
0.5m to 5m QSFP+ to 4x SFP+
40GBASE-CR4
0.5m to 5m QSFP+ to QSFP+
40GBASE-AOC
3m to 100m
40GBASE-UNIV
150m (OM3) /150m (OM4) /500m (SM)
40GBASE-SRBD
100m (OM3) /150m (OM4)
40GBASE-SR4
100m (OM3) /150m (OM4)
40GBASE-XSR4
300m (OM3) /400m (OM4)
40GBASE-PLRL4
1km (1km 4x10G LR/LRL)
40GBASE-LRL4
1km
40GBASE-PLR4
10km (10km 4x10G LR/LRL)
40GBASE-LR4
10km
40GBASE-ER4
40km
100G
100G
100GBASE-SR4
70m OM3 / 100m OM4 Parallel MMF
100GBASE-SWDM4
70m OM3 / 100m OM4 Duplex MMF
100GBASE-SRBD
70m OM3 / 100m OM4 Duplex MMF
100GBASE-LR4
10km SM Duplex
100GBASE-LRL4
2km SM Duplex
100GBASE-CWDM4
2km SM Duplex
100GBASE-XCWDM4
10km SM Duplex
100GBASE-PSM4
500m SM Parallel
100GBASE-AOC
1m to 30m
100GBASE-ERL4
40km SM Duplex
100GBASE-CR4
QSFP to QSFP: 1m to 5m
10G
10G
10GBASE-CR
SFP+ to SFP+: 0.5m-5m
10GBASE-AOC
SFP+ to SFP+: 3m-30m
10GBASE-T
30m
10GBASE-SRL
100m
10GBASE-SR
300m
10GBASE-LRL
1km
10GBASE-LR
10km
10GBASE-ER
40km
10GBASE-ZR
80km
10GBASE-DWDM
80km
100Mb TX,1GbE SX/LX/TX
Yes
25G
25G
25GBASE-CR
QSFP to SFP+: 1m-5m lengths
25GBASE-AOC
SFP+ to SFP+: 3m-30m
25G-MR-XSR (10/25G Multi)
up to 200M/300M over OM3/OM4
25GBASE-SR
70m
25G-MR-LR (10/25G Multi)
10km
25GBASE-LR
10km
720XP Campus PoE | Technical Specifications
Supported Optics and Cables



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com