Electronic Components Datasheet Search
  English  ▼

X  

720XP-48Y6 Datasheet(PDF) 17 Page - Arista Networks, Inc

Part # 720XP-48Y6
Description  CCS-720XP Campus Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

720XP-48Y6 Datasheet(HTML) 17 Page - Arista Networks, Inc

Back Button 720XP-48Y6 Datasheet HTML 10Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 11Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 12Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 13Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 14Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 15Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 16Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 17Page - Arista Networks, Inc 720XP-48Y6 Datasheet HTML 18Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
720XP Campus PoE | Ordering Information
Product Number
Product Description
PWR-621-AC-RED
Spare 650 Watt AC power supply for Arista 720XP 1RU Switches (front-to-rear airflow)
PWR-1021-AC-RED
Spare 1050 Watt AC power supply for Arista 720XP 1RU Switches (front-to-rear airflow)
PWR-2021-AC-RED
Spare 2000 Watt AC power supply for Arista 720XP 1RU Switches (front-to-rear airflow)
PWR-621-AC-BLUE
Spare 650 Watt AC power supply for Arista 720XP 1RU Switches (rear-to-front airflow)
PWR-521-DC-RED
Spare 500 Watt DC power supply for Arista 720XP 1RU Switches (front-to-rear airflow)
PWR-721-DC-RED
Spare 700 Watt DC power supply for Arista 720XP 1RU Switches (front-to-rear airflow)
FAN-752M-RED
Spare fan for Arista 700 Series 2RU and chassis Enhanced Fan Speed (Front-to-rear airflow)
FAN-7000-F
Spare fan module for Arista 720XP, 7150, 7050X, and 7280 switches (front-to-rear airflow)
FAN-7000-R
Spare fan module for Arista 720XP, 7150, 7050X, and 7280 switches (rear-to-front airflow)
CCS-720-PCVR
Spare Blank Cover for 720 Series Power Supply Slot
KIT-CCS-720
Spare accessory kit for Arista 720XP 2RU Series switches. 2-post mount. (Power cords available separately)
KIT-720
Spare accessory kit for Arista 720XP 1RU Series switches. 2-post mount. (Power cords available separately)
KIT-GND-EXT-2RU
Arista 7000 Series 2RU Ground Extender Kit for NEBS compliance.
KIT-7010-4POST
Spare 4-post rack mount kit for 7010T and 720 switches
KIT-7010-2POST-23
Spare 2-post 23" rack mount kit for 7010T and 720 switches
CAB-C15-AUS
Power Cord, Australia, C15 to AS/NZS 3112, 8 Feet (2.5m)
CAB-C14-C15
Power Cord C15 to C14 (2m)
CAB-C15-EUR
Power Cord, Europe, C15 to CEE 7/7, 8 Feet (2.5m)
CAB-C15-IT
Power Cord, Italy, C15 to CEI 23-16, 8 Feet (2.5m)
CAB-C15-UK
Power Cord, United Kingdom, C15 to BS 1363/A, 8 Feet (2.5m)
CAB-C15-NA
Power Cord, North America, C15 to NEMA 5-15P, 8 Feet (2.5m)
CAB-C15-JPN
Power Cord, JAPAN, C15 to NEMA5-15P, 12A/125V, 1.25mm2, 1.8M, PSE
CAB-C15-ISR
Power Cord, Israel, C15-SI32, 10A/250V, 1.00mm2, 2.5M
CAB-C15-CHN
Power Cord, China, C15-GB2099, 10A/250V, 1.00mm2, 2.5M, CCC
CAB-C15-IND
Power Cord, India, C15-IA16A3, 10A/250V, 1.00mm2, 2.5M
CAB-C15-BRZ
Power Cord, Brazil, C15-NBR14136, 10A/250V, 1.00mm2, 2.5M
CAB-C15-SWZ
Power Cord, Swiss, C15-SEV1011, 10A/250V, 1.00mm2, 2.5M
CAB-C15-ARG
Power Cord, Argentina, C15-IRAM2073, 10A/250V, 1.00mm2, 2.5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com