Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 14 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 14 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 18Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
DS232B Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 14 of 25
FT232BM USB UART ( USB - Serial) I.C.
7.2 EEPROM Configuration
Figure 6
EEPROM Configuration
EECS
EEDATA
32
FT232BM
EESK
1
2
2
CS
SK
DIN
DOUT
GND
NC
NC
VCC
EEPROM - 93C46 / 56 / 66
1
3
4
5
6
7
8
VCC
10k
2k2
VCC
Figure 6 illustrates how to connect the FT232BM to the
93C46 (93C56 or 93C66) EEPROM. EECS (pin 32) is directly
connected to the chip select (CS) pin of the EEPROM. EESK
(pin 1) is directly connected to the clock (SK) pin of the
EEPROM. EEDATA (pin 2) is directly connected to the Data
In (Din) pin of the EEPROM. There is a potential condition
whereby both the Data Output (Dout) of the EEPROM
can drive out at the same time as the EEDATA pin of the
FT232BM. To prevent potential data clash in this situation,
the Dout of the EEPROM is connected to EEDATA of the
FT232BM via a 2.2K resistor.
Following a power-on reset or a USB reset, the FT232BM will
scan the EEPROM to find out (a) if an EEPROM is attached
to the Device and (b) if the data in the device is valid. If both
of these are the case, then the FT232BM will use the data in
the EEPROM, otherwise it will use its built-in default values.
When a valid command is issued to the EEPROM from the
FT232BM, the EEPROM will acknowledge the command by
pulling its Dout pin low. In order to check for this condition,
it is necessary to pull Dout high using a 10K resistor. If the
command acknowledge doesn’t happen then EEDATA will be pulled high by the 10K resistor during this part of the
cycle and the device will detect an invalid command or no EEPROM present.
There are two varieties of these EEPROM’s on the market – one is configured as being 16 bits wide, the other is
configured as being 8 bits wide. These are available from many sources such as Microchip, STMicro, ISSI etc. The
FT232BM requires EEPROM’s with a 16-bit wide configuration such as the Microchip 93LC46B device. The EEPROM
must be capable of reading data at a 1Mb clock rate at a supply voltage of 4.35V to 5.25V. Most available parts are
capable of this.
Check the manufacturers data sheet to find out how to connect pins 6 and 7 of the EEPROM. Some devices specify
these as no-connect, others use them for selecting 8 / 16 bit mode or for test functions. Some other parts have their
pinout rotated by 90o so please select the required part and its options carefully.
It is possible to “share” the EEPROM between the FT232BM and another external device such as an MCU. However,
this can only be done when the FT232BM is in its reset condition as it tri-states its EEPROM interface at that time. A
typical configuration would use four bit’s of an MCU IO Port. One bit would be used to hold the FT232BM reset (using
RESET#) on power-up, the other three would connect to the EECS, EESK and EEDATA pins of the FT232BM in
order to read / write data to the EEPROM at this time. Once the MCU has read / written the EEPROM, it would take
RESET# high to allow the FT232BM to configure itself and enumerate over USB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com