Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 19 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 19 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 15Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 16Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 17Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 18Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 19Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 20Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 21Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 22Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 23Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
DS232B Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 19 of 25
FT232BM USB UART ( USB - Serial) I.C.
Figure 11
USB <=> RS485 Converter Configuration
DB9-M
DM
GND
120R
DP
VCC
4
3
6
2
1
7
8
5
D
R
SP481
FT232BM
PWREN#
SLEEP#
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
10
TXDEN
25
24
23
22
15
21
20
19
18
16
LINK
Figure 11 illustrates how to connect the UART interface of the FT232BM to a TTL – RS485 Level Converter I.C. to
make a USB => RS485 converter. This example uses the Sipex SP481 device but there are similar parts available
from Maxim and Analog Devices amongst others. The SP481 is a RS485 device in a compact 8 pin SOP package.
It has separate enables on both the transmitter and receiver. With RS485, the transmitter is only enabled when a
character is being transmitted from the UART. The TXDEN pin on the FT232BM is provided for exactly that purpose
and so the transmitter enable is wired to TXDEN. The receiver enable is active low, so it is wired to the PWREN# pin
to disable the receiver when in USB suspend mode.
RS485 is a multi-drop network – i.e. many devices can communicate with each other over a single two wire cable
connection. The RS485 cable requires to be terminated at each end of the cable. A link is provided to allow the cable
to be terminated if the device is physically positioned at either end of the cable.
In this example the data transmitted by the FT232BM is also received by the device that is transmitting. This is a
common feature of RS485 and requires the application software to remove the transmitted data from the received
data stream. With the FT232BM it is possible to do this entirely in hardware – simply modify the schematic so that
RXD of the FT232BM is the logical OR of the SP481 receiver output with TXDEN using an HC32 or similar logic gate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com