Electronic Components Datasheet Search
  English  ▼

X  

FT232BL Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # FT232BL
Description  USB UART ( USB - Serial) I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232BL Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button FT232BL Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232BL Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DS232B Version 1.8
© Future Technology Devices Intl. Ltd. 2005
Page 9 of 25
FT232BM USB UART ( USB - Serial) I.C.
POWER CONTROL GROUP
Pin#
Signal
Type
Description
10
SLEEP#
OUT
Goes Low during USB Suspend Mode. Typically used to power-down an external
TTL to RS232 level converter i.c. in USB <=> RS232 converter designs.
15
PWREN#
OUT
Goes Low after the device is configured via USB, then high during USB suspend.
Can be used to control power to external logic using a P-Channel Logic Level
MOSFET switch. Enable the Interface Pull-Down Option in EEPROM when using
the PWREN# pin in this way.
14
PWRCTL
IN
Bus Powered – Tie Low / Self Powered – Tie High (to VCCIO)
MISCELLANEOUS SIGNAL GROUP
Pin#
Signal
Type
Description
4
RESET#
IN
Can be used by an external device to reset the FT232BM. If not required, tie to
VCC.
5
RSTOUT#
OUT
Output of the internal Reset Generator. Stays high impedance for ~ 5ms after
VCC > 3.5V and the internal clock starts up, then clamps its output to the 3.3v
output of the internal regulator. Taking RESET# low will also force RSTOUT# to
drive low. RSTOUT# is NOT affected by a USB Bus Reset.
12
TXLED#
O.C.
LED Drive - Pulses Low when Transmitting Data via USB
11
RXLED#
O.C.
LED Drive - Pulses Low when Receiving Data via USB
27
XTIN
IN
Input to 6MHz Crystal Oscillator Cell. This pin can also be driven by an external
6MHz clock if required. Note : Switching threshold of this pin is VCC/2, so if
driving from an external source, the source must be driving at 5V CMOS level or
a.c. coupled to centre around VCC/2.
28
XTOUT
OUT
Output from 6MHz Crystal Oscillator Cell. XTOUT stops oscillating during USB
suspend, so take care if using this signal to clock external logic.
31
TEST
IN
Puts device in I.C. test mode – must be tied to GND for normal operation.
POWER AND GND GROUP
Pin#
Signal
Type
Description
6
3V3OUT
OUT
3.3 volt Output from the integrated L.D.O. regulator This pin should be decoupled
to GND using a 33nF ceramic capacitor in close proximity to the device pin. Its
prime purpose is to provide the internal 3.3V supply to the USB transceiver cell
and the RSTOUT# pin. A small amount of current (<= 5mA) can be drawn from
this pin to power external 3.3v logic if required.
3,26
VCC
PWR
+4.35 volt to +5.25 volt VCC to the device core, LDO and non-UART interface
pins.
13
VCCIO
PWR
+3.0 volt to +5.25 volt VCC to the UART interface pins 10..12, 14..16 and 18..25.
When interfacing with 3.3V external logic in a bus powered design connect
VCCIO to a 3.3V supply generated from the USB bus. When interfacing with
3.3V external logic in a self powered design connect VCCIO to the 3.3V supply
of the external logic. Otherwise connect to VCC to drive out at 5V CMOS level.
9,17
GND
PWR
Device - Ground Supply Pins
30
AVCC
PWR
Device - Analog Power Supply for the internal x8 clock multiplier
29
AGND
PWR
Device - Analog Ground Supply for the internal x8 clock multiplier
**Note 1 - During device reset, these pins are tri-state but pulled up to VCC via internal 200K resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com