Electronic Components Datasheet Search
  English  ▼

X  

UC232R Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # UC232R
Description  ?쏞hiPi??Minimum Component FT232RL USB to RS232 Converter Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UC232R Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  UC232R Datasheet HTML 1Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 2Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 3Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
UC232R “ChiPi” Minimum Component FT232RL USB to RS232 Converter Cable
Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 5
Extended Operating Temperature Range - The FT232R operates over an extended temperature range of -40º to
+85º C thus allowing the device to be used in automotive and industrial applications.
New Package Options - The FT232R is available in two packages - a compact 28 pin SSOP ( FT232RL) and an
ultra-compact 5mm x 5mm pinless QFN-32 package ( FT232RQ). Both packages are lead ( Pb ) free, and use a
‘green’ compound. Both packages are fully compliant with European Union directive 2002/95/EC. The MM232R
module uses a FT232RQ device in its design.
Figure 1 - The UC232R “ChiPi” USB to RS232 Converter Cable.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com