Electronic Components Datasheet Search
  English  ▼

X  

UC232R Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # UC232R
Description  ?쏞hiPi??Minimum Component FT232RL USB to RS232 Converter Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UC232R Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

Back Button UC232R Datasheet HTML 2Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 3Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 9Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 10Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
UC232R “ChiPi” Minimum Component FT232RL USB to RS232 Converter Cable
Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 6
3. UC232R Pin Out and Signal Descriptions
3.1 UC232R Pin Out
Figure 2 - UC232R RS232 (DB9) Pin Out
8
7
9
6
4
3
5
2
1
DCD
TXD
RXD
RI
DSR
DTR
RTS
CTS
GND
3.2 RS232 Signal Descriptions
Table 1 - RS232 Signals
DB9 pin No. Name
Type
Description
1
DCD
Input
Data Carrier Detect control input
2
RXDATA
Input
Receive Asynchronous Data input.
3
TXDATA
Output
Transmit Asynchronous Data output.
4
DTR
Output
Data Terminal Ready control output / Handshake signal
5
GND
GND
Device groud supply pin.
6
DSR
Input
Data Set Ready control input / Handshake signal
7
RTS
Output
Request To Send Control Output / Handshake signal.
8
CTS
Input
Clear to Send Control input / Handshake signal.
9
RI
Input
Ring Indicator control input. When remote wakeup is enabled in the FT232RL’s internal
EEPROM taking RI# low can be used to resume the PC USB host controller from suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com