Electronic Components Datasheet Search
  English  ▼

X  

UC232R Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # UC232R
Description  ?쏞hiPi??Minimum Component FT232RL USB to RS232 Converter Cable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UC232R Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button UC232R Datasheet HTML 2Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 3Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 9Page - Future Technology Devices International Ltd. UC232R Datasheet HTML 10Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
UC232R “ChiPi” Minimum Component FT232RL USB to RS232 Converter Cable
Datasheet Version 0.90
© Future Technology Devices International Ltd. 2005
Page 7
4. UC232R Dimensions
Figure 3 - UC232R “ChiPi” USB to RS232 Converter Dimensions
All dimensions are stated in millimeters, with inches in parenthesis.
The FT232RL used on the UC232R is supplied in a RoHS compliant 28 pinSSOP package. The package is lead ( Pb )
free and uses a ‘green’ compound. The date code format is
YYXX where XX = 2 digit week number, YY = 2 digit year
number.
The UC232R module uses exclusivly lead free components.
Both the I.C. device and the module are fully compliant with European Union directive 2002/95/EC.
41.30mm
(1.63")
30.90mm
(1.22")
18mm
(0.71")
29.30mm
(1.15")
16.20mm
(0.64")
1.70mm
(0.07")
9.10mm
(0.36")
12.55mm
(0.50")
11.00mm
(0.44")
6.00mm
(0.24")
3.90mm
(0.15")



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com