Electronic Components Datasheet Search
  English  ▼

X  

UM232R Datasheet(PDF) 13 Page - Future Technology Devices International Ltd.

Part # UM232R
Description  USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UM232R Datasheet(HTML) 13 Page - Future Technology Devices International Ltd.

Back Button UM232R Datasheet HTML 9Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 10Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 11Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 12Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 13Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 14Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 15Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 16Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 17Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
UM232R USB-Serial UART Development Module Datasheet Version 1.02
© Future Technology Devices International Ltd. 2005
Page 13
6. Module Configurations
6.1 Bus Powered Configuration
Figure 4 - Bus Powered Configuration
Figure 4 illustrates the UM232R module in a typical USB bus powered design configuration. This can easily be done
by fitting the jumper link on J2, as shown above. The UM232R is supplied in this configuration by default.
A USB Bus Powered device gets its power from the USB bus. Basic rules for USB Bus power devices are as follows –
i) On plug-in to USB, the device must draw no more than 100mA.
ii) On USB Suspend the device must draw no more than 500μA.
iii) A Bus Powered High Power USB Device (one that draws more than 100mA) should use one of the CBUS pins
configured as PWREN# and use it to keep the current below 100mA on plug-in and 500μA on USB suspend.
iv) A device that consumes more than 100mA can not be plugged into a USB Bus Powered Hub.
v) No device can draw more that 500mA from the USB Bus.
Interfacing the UM232R module to a microcontroller (MCU), or other logic for a bus powered design would be done in
exactly the same way as for a self powered design (see Section 6.2), except that the MCU or external logic would take
its power supply from the USB bus (either the 5V on the USB pin, or 3.3V on the 3V3 pin).
1
12
13
24
J1
J2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com