Electronic Components Datasheet Search
  English  ▼

X  

UM232R Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # UM232R
Description  USB- Serial UART Development Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

UM232R Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button UM232R Datasheet HTML 3Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 4Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 5Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 6Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 7Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 8Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 9Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 10Page - Future Technology Devices International Ltd. UM232R Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
UM232R USB-Serial UART Development Module Datasheet Version 1.02
© Future Technology Devices International Ltd. 2005
Page 7
3.2 Signal Descriptions
Table 1 - Module Pin Out Description
Pin No. Name
Type Description
1
TXD
Output
Transmit Asynchronous Data Output.*
2
DTR#
Output
Data Terminal Ready Control Output / Handshake signal.*
3
RTS#
Output
Request To Send Control Output / Handshake signal.*
4
VIO
PWR
+1.8V to +5.25V supply to the UART Interface and CBUS I/O pins (1...3, 5, 6, 9...14, 22, 23).
In USB bus powered designs connect to 3V3 to drive out at 3.3V levels (connect jumper J1 pins 1 and 2
together), or connect to VCC to drive out at 5V CMOS level (connect jumper J1 pins 2 and 3 together). This
pin can also be supplied with an external 1.8V - 2.8V supply in order to drive out at lower levels. It should be
noted that in this case this supply should originate from the same source as the supply to Vcc. This means
that in bus powered designs a regulator which is supplied by the 5V on the USB bus should be used.
5
RXD
Input
Receive Asynchronous Data Input.*
6
RI#
Input
Ring Indicator Control Input. When remote wake up is enabled in the internal EEPROM taking RI# low can be
used to resume the PC USB host controller from suspend.*
7, 24
GND
PWR
Module ground supply pins
8
DSR#
Input
Data Set Ready Control Input / Handshake signal.*
9
DCD#
Input
Data Carrier Detect Control input.*
10
CTS#
Input
Clear to Send Control input / Handshake signal.*
11
CB4
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
pin function is SLEEP#. See CBUS Signal Options, Table 4.*
12
CB2
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
pin function is TXDEN. See CBUS Signal Options, Table 4.*
13
SLD
GND
USB Cable shield.
14
USB
Output
5V Power output USB port. For a low power USB bus powered design, up to 100mA can be sourced from the
5V supply on the USB bus. A maximum of 500mA can be sourced from the USB bus in a high power USB bus
powered design.
15, 21
VCC
PWR
or
Output
These two pins are internally connected on the module pcb. To power the module from the 5V supply on USB
bus connect jumper J2 pins 1 and 2 together (this is the module default configuration). In this case these pins
would have the same description as pin 14.
To use the UM232R module in a self powered configuration ensure that jumper J2 pins 1 and 2 are not con-
nected together, and apply an external 3.3V to 5.25V supply to one of these pins.
16
PU2
Control Pull up resistor pin connection 2. Conect to pin 17 (RST#) in a self powered configuration.
17
PU1
Control Pull up resistor pin connection 1. Connect to pin 14 (USB) in a self powered configuration
19
3V3
Output
3.3V output from integrated L.D.O. regulator. This pin is decoupled to ground on the module pcb with a 10nF
capacitor. The prime purpose of this pin is to provide the internal 3.3V supply to the USB transceiver cell and
the internal 1.5kΩ pull up resistor on USBDP. Up to 50mA can be drawn from this pin to power external logic if
required. This pin can also be used to supply the FT232RL’s VCCIO pin by connecting this pin to pin 4 (VIO),
or by connecting together pins 1 and 2 on jumper J1.
20
RST#
Input
Can be used by an external device to reset the FT232R. If not required can be left unconnected, or pulled up
to VCCIO.
18
CB3
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
pin function is PWREN#. See CBUS Signal Options, Table 4.*
22
CB1
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
pin function is RXLED#. See CBUS Signal Options, Table 4.*
23
CB0
I/O
Configurable CBUS I/O Pin. Function of this pin is configured in the device internal EEPROM. Factory Default
pin function is TXLED#. See CBUS Signal Options, Table 4.*
* When used in Input Mode, these pins are pulled to VCCIO via internal 200kΩ resistors. These pins can be
programmed to gently pull low during USB suspend ( PWREN# = “1” ) by setting an option in the internal EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com