Electronic Components Datasheet Search
  English  ▼

X  

LB1201AS Datasheet(PDF) 3 Page - Power Innovations Ltd

Part # LB1201AS
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AS Datasheet(HTML) 3 Page - Power Innovations Ltd

  LB1201AS Datasheet HTML 1Page - Power Innovations Ltd LB1201AS Datasheet HTML 2Page - Power Innovations Ltd LB1201AS Datasheet HTML 3Page - Power Innovations Ltd LB1201AS Datasheet HTML 4Page - Power Innovations Ltd LB1201AS Datasheet HTML 5Page - Power Innovations Ltd LB1201AS Datasheet HTML 6Page - Power Innovations Ltd LB1201AS Datasheet HTML 7Page - Power Innovations Ltd LB1201AS Datasheet HTML 8Page - Power Innovations Ltd LB1201AS Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
PRODUCT
INFORMATION
IGAS
Gate reverse current
VGG = -85 V, K and A terminals connected
TJ = 25°C
5
µA
TJ = 85°C
50
µA
IGT
Gate trigger current
IT = -1 A, tp(g) ≥ 20 µs, VGG = -50 V
15
mA
dv/dt
Critical rate of rise of
off-state voltage
VGG = -50 V, (see Note 3)
-1000
V/µs
CO
Anode-cathode off-
state capacitance
f = 1 MHz, Vd = 0.1 V, IG = 0, (see Note 4)
VD = 0 V
85
pF
VD = -50 V
10
pF
NOTES: 3. Linear rate of rise, maximum voltage limited to 80% VGG.
4. These capacitance measurements employ a three terminal capacitance bridge incorporating a guard circuit. The unmeasured
device terminals are a.c. connected to the guard terminal of the bridge.
thermal characteristics
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RθJA
Junction to free air thermal resistance
Ptot = 0.8 W, TA = 25°C
5 cm
2, FR4 PCB
D Package
170
°C/W
P Package
125
PARAMETER MEASUREMENT INFORMATION
Figure 1. VOLTAGE-CURRENT CHARACTERISTIC
electrical characteristics, -40°C
≤ T
J ≤ 85°C (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
-v
I
S
V
S
V
GG
V
D
I
H
I
T
V
T
I
TSM
I
TSP
V
(BO)
I
(BO)
I
D
Quadrant I
Forward
Conduction
Characteristic
+v
+i
I
F
V
F
I
FSM (= |ITSM|)
I
FSP (= |ITSP|)
-i
Quadrant III
Switching
Characteristic
PM6XAAA
V
GK(BO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com