Electronic Components Datasheet Search
  English  ▼

X  

LB1201AS Datasheet(PDF) 7 Page - Power Innovations Ltd

Part # LB1201AS
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AS Datasheet(HTML) 7 Page - Power Innovations Ltd

Back Button LB1201AS Datasheet HTML 3Page - Power Innovations Ltd LB1201AS Datasheet HTML 4Page - Power Innovations Ltd LB1201AS Datasheet HTML 5Page - Power Innovations Ltd LB1201AS Datasheet HTML 6Page - Power Innovations Ltd LB1201AS Datasheet HTML 7Page - Power Innovations Ltd LB1201AS Datasheet HTML 8Page - Power Innovations Ltd LB1201AS Datasheet HTML 9Page - Power Innovations Ltd LB1201AS Datasheet HTML 10Page - Power Innovations Ltd LB1201AS Datasheet HTML 11Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
PRODUCT
INFORMATION
thyristor to switch into the low-voltage on-state condition. At the end of the negative half cycle, the thyristor
switches off when the current falls below the holding current value (300 mA). Switch-off and re-clipping at
-52 V causes a second pulse of gate current. The wire current drawn by the protector is quasi-sinusoidal
During the positive a.c. voltage period (diode clipping) there is no gate current. During the negative a.c.
voltage period there are two triangular pulses of gate current, which peak at about 80 mA. This is current
which flows into the gate terminal as indicated by the IG current arrow in Figure 2. This direction of current
charges the VBAT supply. This would not be a problem if the VBAT supply was a rechargeable battery.
However, often the supply is generated from a switching mode power supply or the SLIC supply feed has a
series diode which blocks reverse (charging) current flow to the battery. In these cases the supply can only
sink current in the direction shown by the IBAT arrow in Figure 2. Unless the SLIC current, ISLIC, is equal or
greater than IG the value of VBAT will increase, possibly to a level which causes destruction of the SLIC.
The maximum average value of IG occurs when the thyristor only clips the voltage and the peak cathode
current is just beginning to approach the switching (IS) value, see Figure 4. The average current is maximised
under high source impedance conditions (e.g. 600
Ω). In the case of the LB1201AB, it is recommended that
the supply should be able to absorb 700 mA of “wrong way” current. If the supply cannot absorb the current
then a shunt breakdown diode is recommended to provided a path for the gate current to ground (D2 in
Figure 2). High power diodes are expensive, so diode D2 is usually low power, purposely selected to fail
under this a.c. condition and protect the SLIC.
Figure 3. IC PROTECTOR POWER CROSS WAVE FORMS
Time - ms
0
5
10
15
20
-750
-500
-250
0
250
500
750
-100
-75
-50
-25
0
25
50
75
100
Time - ms
0
5
10
15
20
-60
-50
-40
-30
-20
-10
0
10
V
G
V
K
I
K
I
G
AI6XAG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com