Electronic Components Datasheet Search
  English  ▼

X  

LB1201AS Datasheet(PDF) 4 Page - Power Innovations Ltd

Part # LB1201AS
Description  DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

LB1201AS Datasheet(HTML) 4 Page - Power Innovations Ltd

  LB1201AS Datasheet HTML 1Page - Power Innovations Ltd LB1201AS Datasheet HTML 2Page - Power Innovations Ltd LB1201AS Datasheet HTML 3Page - Power Innovations Ltd LB1201AS Datasheet HTML 4Page - Power Innovations Ltd LB1201AS Datasheet HTML 5Page - Power Innovations Ltd LB1201AS Datasheet HTML 6Page - Power Innovations Ltd LB1201AS Datasheet HTML 7Page - Power Innovations Ltd LB1201AS Datasheet HTML 8Page - Power Innovations Ltd LB1201AS Datasheet HTML 9Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TISP61060D, TISP61060P
DUAL FORWARD-CONDUCTING P-GATE THYRISTORS
PROGRAMMABLE OVERVOLTAGE PROTECTORS
4
SEPTEMBER 1995 - REVISED SEPTEMBER 1997
PRODUCT
INFORMATION
DEVICE PARAMETERS
general
Thyristor based overvoltage protectors, for telecommunications equipment, became popular in the late
1970s. These were fixed voltage breakover triggered devices, likened to solid state gas discharge tubes. As
these were new forms of thyristor, the existing thyristor terminology did not cover their special characteristics.
This resulted in the invention of new terms based on the application usage and device characteristic. Initially,
there was a wide diversity of terms to describe the same thing, but today the number of terms have reduced
and stabilised.
Programmable, (gated), overvoltage protectors are relatively new and require additional parameters to
specify their operation. Similarly to the fixed voltage protectors, the introduction of these devices has resulted
in a wide diversity of terms to describe the same thing. To help promote an understanding of the terms and
their alternatives, this section has a list of alternative terms and the parameter definitions used for this data
sheet. In general, the Texas Instruments approach is to use terms related to the device internal structure,
rather than its application usage as a single device may have many applications each using a different
terminology for circuit connection.
alternative symbol cross-reference guide
This guide is intended to help the translation of alternative symbols to those used in this data sheet. As in
some cases the alternative symbols have no substance in international standards and are not fully defined by
the originators, users must confirm symbol equivalence. No liability will be assumed from the use of this
guide.
CROSS-REFERENCE FOR TISP61060 AND TCM1030/60
TISP61060 PARAMETER
DATA SHEET
SYMBOL
ALTERNATIVE
SYMBOL
ALTERNATIVE PARAMETER
RATINGS & CHARACTERISTICS
TCM1060, TCM1030
Non-repetitive peak on-state pulse current
ITSP
-
Non-repetitive peak surge current
Non-repetitive peak on-state current
ITSM
-
Non-repetitive peak surge current,10 ms
Non-repetitive peak on-state current
ITSM
-
Continuous 60-Hz sinewave, 2 s
Forward voltage
VF
VCF
Forward clamping voltage
Forward current
IF
IFM
Peak forward current
On-state voltage
VT
VC
Reverse clamping voltage
On-state current
IT
ITM
Peak reverse current
Switching current
IS
Itrip
Trip current
Breakover voltage
V(BO)
Vtrip
Trip voltage
Gate reverse current (with A and K terminals connected)
IGAS
ID
Stand-by current, TIP & RING at GND
Off-state current
ID
ID
Stand-by current, TIP & RING at VS
Off-state voltage
VD
VS
Supply voltage
Gate-cathode breakover voltage
VGK(BO)
VOS
Transient overshoot voltage
Gate voltage, (VGG is gate supply voltage referenced
to the A terminal)
VG
VS
Supply voltage
Off-state capacitance
CO
Coff
Off-state capacitance
TERMINALS
TCM1060, TCM1030
Cathode 1
K1
Tip
Tip
Cathode 2
K2
Ring
Ring
Anode
A
GND
Ground
Gate
G
VS
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com