Electronic Components Datasheet Search
  English  ▼

X  

TS8314 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS8314
Description  Bi-directional N-Channel 2.5V Specified MicroSURF?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS8314 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS8314 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Battery Protection MicroSURF™
TS8314 – Bi-directional N-Channel 2.5V Specified MicroSURF™
General Description
Taiwan Semiconductor’s new low cost,
state of the art MicroSURF™ lateral
MOSFET process technology in chipscale
bondwireless packaging minimizes PCB
space and RDS(ON) plus provides an ultra-
low Qg X RDS(ON) figure of merit.
Absolute Maximum Ratings
TA=25°C unless otherwise noted
Symbol Parameter
Ratings
Units
VS1S2
Source1-Source2 Voltage
20
V
VGS
Gate-Source Voltage
+12 / -0.5
V
IS1S2
Source1-Source2 Current – Continuous
6.5
A
– Pulsed
13
PD
Power Dissipation (Steady State)
1.3
W
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
ºC
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
82
°C/W
RθJR
Thermal Resistance, Junction-to-Balls
7
MicroSURF™ for Battery Protection
Patent Pending
Features
• 6.5A, 20V RDS1(ON) equivalent = 15mΩ at 4.5 Volts
• 5.5A, 20V RDS1(ON) equivalent = 22mΩ at 2.5 Volts
• Low profile package: less than 0.8mm height
when mounted on PCB.
• Occupies less than 1/5 the area of TSSOP-8.
• Excellent thermal characteristics.
• Integrated gate diodes provide ElectroStatic
Discharge (ESD) protection of 4000V Human
Body Model (HBM).
• Lead free solder bumps available.
Bottom: Bump Side
PRELIMINARY DATA SHEET
For information only
1
8/15/03 Rev3
D
G2
S1
S1
S2
S2
S2
S1
S1
S1
S2
S2
G1
130 O
130 O


Similar Part No. - TS8314

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Nov-2001
TS831-3I STMICROELECTRONICS-TS831-3I Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
TS831-3ID STMICROELECTRONICS-TS831-3ID Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
TS831-3IDT STMICROELECTRONICS-TS831-3IDT Datasheet
93Kb / 11P
MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
Oct-2000
More results

Similar Description - TS8314

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDG311N FAIRCHILD-FDG311N Datasheet
89Kb / 5P
N-Channel 2.5V Specified PowerTrench MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN339AN FAIRCHILD-FDN339AN Datasheet
259Kb / 8P
N-Channel 2.5V Specified PowerTrench MOSFET
SI9426DY FAIRCHILD-SI9426DY Datasheet
49Kb / 3P
Single N-Channel, 2.5V Specified MOSFET
logo
Taiwan Semiconductor Co...
TS12N20CS TSC-TS12N20CS Datasheet
519Kb / 2P
Single N-Channel 4.5V Specified MicroSurf
TSM4405P TSC-TSM4405P Datasheet
183Kb / 6P
Single P-Channel 1.8V Specified MicroSURF MOSFET
TSM8405P TSC-TSM8405P Datasheet
183Kb / 6P
Single P-Channel 1.8V Specified MicroSURF MOSFET
logo
Fairchild Semiconductor
FDR6580 FAIRCHILD-FDR6580_01 Datasheet
87Kb / 5P
N-Channel 2.5V Specified PowerTrench MOSFET
logo
Taiwan Semiconductor Co...
TS4405P TSC-TS4405P Datasheet
149Kb / 3P
Single P-Channel 1.8V Specified MicroSURF?
TS8405P TSC-TS8405P Datasheet
393Kb / 12P
Single P-Channel 1.8V Specified MicroSURF?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com