Electronic Components Datasheet Search
  English  ▼

X  

TS8314 Datasheet(PDF) 11 Page - Taiwan Semiconductor Company, Ltd

Part # TS8314
Description  Bi-directional N-Channel 2.5V Specified MicroSURF?
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS8314 Datasheet(HTML) 11 Page - Taiwan Semiconductor Company, Ltd

Back Button TS8314 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 12Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 13Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 14Page - Taiwan Semiconductor Company, Ltd TS8314 Datasheet HTML 15Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Dimensional Outline and Pad Layout
PRELIMINARY DATA SHEET
SILICON
0.80mm
MAX
0.27mm
0.50mm
0.30mm
Bump Ø 0.37mm
1.60mm
Bumps are Eutectic solder 63/37 Sn/Pb
2.10mm
0.30mm
0.50mm
11
8/15/03 Rev3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com