Electronic Components Datasheet Search
  English  ▼

X  

MR2000 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR2000
Description  Standby Compatible Partial Resonance Power Supply IC Module with High-speed IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR2000 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

  MR2000 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR2000 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
P.06
All Rights Reserved Copyright (C) SHINDENGEN ELECTRIC MANUFACTURING CO., LTD. 2002
Password Vol.02-06-e MR2000 Series
3-4
Standby Function
Latch Halt Function for Over-voltage Protection
5
Thermal Shutdown (TSD) to Halt Latch at Overheating
The onboard protection circuits described above reduce the number of components
required and thus simplify design.
6
The standby mode is selected by simply dropping the voltage at the Z/C ((1) pin) to 3.5V or less.
The MR2000 Series supports an ideal standby mode employing a method developed by Shindengen
based on the use of small intermittent output ripples. Fig.7 and Fig.8 show the input voltage Pin,
and the waveform at Po = 1.1W (11V, 0.1A), for a worldwide input Po = 100W power supply for
TV applications.
Standby Po - Pin
Output voltage Po [W]
Fig.7 Input Voltage in Standby Mode
Fig.8 Waveform in Standby Mode
0
0.5
1
1.5
2
2.5
0
0.5
1
1.5
AC110V
AC230V
0V
0A
VCE:200V/DIV
Vo:2V/DIV
ICE:1A/DIV
TimeBase:500
s/DIV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com