Electronic Components Datasheet Search
  English  ▼

X  

TISP7125F3D Datasheet(PDF) 12 Page - Power Innovations Ltd

Part # TISP7125F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7125F3D Datasheet(HTML) 12 Page - Power Innovations Ltd

Back Button TISP7125F3D Datasheet HTML 8Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 9Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 10Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 11Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 12Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 13Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 14Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 15Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 16Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
12
MARCH 1994 - REVISED MARCH 2000
P R OD UCT
INFORM A T ION
THERMAL INFORMATION
TISP7125F3 THRU TISP7180F3
TISP7240F3 THRU TISP7380F3
Figure 28.
Figure 29.
Figure 30.
Figure 31.
MAXIMUM NON-RECURRING 50 Hz CURRENT
t- CurrentDuration - s
0·1
1
10
100
1000
1
10
vs
CURRENT DURATION
TI7MAA
V
GEN = 250 Vrms
R
GEN =10to150 Ω
Ω
Ω
Ω
D Package
SL Package
P Package
MAXIMUM NON-RECURRING 50 Hz CURRENT
t - Current Duration - s
0·1
1
10
100
1000
1
10
vs
CURRENT DURATION
TI7HAA
D Package
SL Package
P Package
V
GEN =350 Vrms
R
GEN =20to250 Ω
Ω
Ω
Ω
THERMAL RESPONSE
t- Power Pulse Duration - s
0·0001 0·001
0·01
0·1
1
10
100
1000
1
10
100
D Package
P Package
TI7MAB
SL Package
THERMAL RESPONSE
t- Power Pulse Duration - s
0·0001 0·001
0·01
0·1
1
10
100
1000
1
10
100
D Package
P Package
TI7MAB
SL Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com