Electronic Components Datasheet Search
  English  ▼

X  

TISP7125F3D Datasheet(PDF) 24 Page - Power Innovations Ltd

Part # TISP7125F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7125F3D Datasheet(HTML) 24 Page - Power Innovations Ltd

Back Button TISP7125F3D Datasheet HTML 17Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 18Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 19Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 20Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 21Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 22Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 23Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 24Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 25Page - Power Innovations Ltd  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
24
MARCH 1994 - REVISED MARCH 2000
P R OD UCT
INFORM A T ION
MECHANICAL DATA
SL003
3-pin plastic single-in-line package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
ALL LINEAR DIMENSIONS IN MILLIMETERS AND PARANTHETICALLY IN INCHES
2,54 (0.100) Typical
(see Note A)
2Places
8,31 (0.327)
MAX
SL003
4,267 (0.168)
MIN
1,854 (0.073)
MAX
0,711 (0.028)
0,559 (0.022)
3Places
12,9 (0.492)
MAX
6,60 (0.260)
6,10 (0.240)
2
1
3
0,356 (0.014)
0,203 (0.008)
3,40 (0.134)
3,20 (0.126)
9,75 (0.384)
9,25 (0.364)
NOTES: A. Each pin centreline is located within 0,25 (0.010) of its true longitudinal position.
B. Body molding flash of up to 0,15 (0.006) may occur in the package lead plane.
C. Details of the previous dot index SL003 style, drawing reference MDXXAD, are given in the earlier publications.
MDXXCE
Index
Notch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com