Electronic Components Datasheet Search
  English  ▼

X  

TISP7125F3D Datasheet(PDF) 15 Page - Power Innovations Ltd

Part # TISP7125F3D
Description  TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS???
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POINN [Power Innovations Ltd]
Direct Link  http://www.bourns.com
Logo POINN - Power Innovations Ltd

TISP7125F3D Datasheet(HTML) 15 Page - Power Innovations Ltd

Back Button TISP7125F3D Datasheet HTML 11Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 12Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 13Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 14Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 15Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 16Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 17Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 18Page - Power Innovations Ltd TISP7125F3D Datasheet HTML 19Page - Power Innovations Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15
MARCH 1994 - REVISED MARCH 2000
TISP7125F3, TISP7150F3, TISP7180F3, TISP7240F3, TISP7260F3,
TISP7290F3, TISP7320F3, TISP7350F3, TISP7380F3
TRIPLE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
P R O D UCT
INFORM A T ION
shunt resistor R1, series resistor R2 and shunt capacitor C2 form the output shaping network.
series feed resistor R3 to connect to one line conductor for single surge
series feed resistor R4 to connect to the other line conductor for dual surging
In the normal single surge equipment test configuration, the unsurged line is grounded. This is shown by the
dotted lines in the top drawing of Figure 33. However, doing this at device test places one terminal pair in
parallel with another terminal pair. To check the individual terminal pairs of the TISP7xxxF3, without any
paralleled operation, the unsurged terminal is left unconnected.
With the generator output open circuit, when SW closes, C1 discharges through R1. The decay time constant
will be C1R1, or 20 x 50 = 1000 µs. For the 50% voltage decay time the time constant needs to be multiplied
by 0.697, giving 0.697 x 1000 = 697 µs which is rounded to 700 µs.
The output rise time is controlled by the time constant of R2 and C2. which is 15 x 200 = 3000 ns or 3 µs.
Virtual voltage rise times are given by straight line extrapolation through the 30% and 90% points of the
voltage waveform to zero and 100%. Mathematically this is equivalent to 3.24 times the time constant, which
gives 3.24 x 3 = 9.73 which is rounded to 10 µs. Thus the open circuit voltage rises in 10 µs and decays in
700 µs, giving the 10/700 generator its name.
When the overvoltage protector switches it effectively shorts the generator output via the series 25
Ω resistor.
Two short circuit conditions need to be considered: single output using R3 only (top circuit of Figure 33) and
dual output using R3 and R4 (bottom circuit of Figure 33).
For the single test, the series combination of R2 and R3 (15 + 25 = 40 Ω) is in shunt with R1. This lowers the
discharge resistance from 50
Ω to 22.2 Ω, giving a discharge time constant of 444 µs and a 50% current
decay time of 309.7 µs, which is rounded to 310 µs.
For the rise time, R2 and R3 are in parallel, reducing the effective source resistance from 15 Ω to 9.38 Ω,
giving a time constant of 1.88 µs. Virtual current rise times are given by straight line extrapolation through the
10% and 90% points of the current waveform to zero and 100%. Mathematically this is equivalent to 2.75
Figure 33.
C
2
200 nF
R
1
50
Ω
Ω
Ω
Ω
C
1
20 µF
R
2
15
Ω
Ω
Ω
Ω
SW
V
C
2.8 kV
R
3
25
Ω
Ω
Ω
Ω
R
T
T
G
T
R
G
R
G
T AND G
TEST
RAND G
TEST
R AND T
TEST
70 A
5/310
70 A
5/310
10/700 GENERATOR - SINGLE TERMINAL PAIR TEST
C
2
200 nF
R
1
50
Ω
Ω
Ω
Ω
C
1
20 µF
R
2
15
Ω
Ω
Ω
Ω
SW
R
3
25
Ω
Ω
Ω
Ω
R
4
25
Ω
Ω
Ω
Ω
R
T
G
DUAL
TAND G,
RAND G
TEST
95 A
4/250
95 A
4/250
190 A
4/250
V
C
5.2 kV
10/700 GENERATOR - DUAL TERMINAL PAIR TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com