Electronic Components Datasheet Search
  English  ▼

X  

DCS-7308XFM-R Datasheet(PDF) 47 Page - Arista Networks, Inc

Part # DCS-7308XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308XFM-R Datasheet(HTML) 47 Page - Arista Networks, Inc

Back Button DCS-7308XFM-R Datasheet HTML 43Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 44Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 45Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 46Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 47Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 48Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 49Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 50Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 51Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
Fabric and Fan-only Module Description
Figure 32: Locking Mechanism: DCS-7316 Fabric
1
Lock levers open (FM2) 3
Release button (FM3)
2
Upper lock lever closed
(FM3)
4
Lower lock lever closed
(FM3)
These sections describe fabric module handling procedures. Illustrations depict a DCS-7316 chassis
and fabric modules. While proper handling of DCS-7316 components is imperative because of their
size and weight, the instructions also describe best practices for handling DCS-7304 and DCS-7308
components.
B.1.1
Removing Fabric Modules
Note: While removing and replacing a fabric module in a gen3 chassis (7304X3, 7308X3),
issue a command to offload traffic before removing the module to avoid potential traffic loss.
This procedure removes a fabric from the switch chassis.
1. Release the lock-levers from the module frame (Fabric Module Removal:Initial Position-left).
2. Extend the lock-levers towards the top and bottom of the chassis (Fabric Module Removal:Initial
Position-right).
3. Use the lock-levers to pull the module three to four inches (Fabric Module Removal:Edging the
Module Out-left).
4. Return the lock-levers to the closed position (Fabric Module Removal:Edging the Module Out
Closing the Lock Levers-right)
5. Grasp the module frame and pull the module until it is completely outside of the chassis.
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com