Electronic Components Datasheet Search
  English  ▼

X  

DCS-7308XFM-R Datasheet(PDF) 22 Page - Arista Networks, Inc

Part # DCS-7308XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308XFM-R Datasheet(HTML) 22 Page - Arista Networks, Inc

Back Button DCS-7308XFM-R Datasheet HTML 18Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 19Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 20Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 21Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 22Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 23Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 24Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 25Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 26Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 66 page
background image
1. Installing the shelves.
2. Installing the mounting ears.
3. Placing and securing the switch upon the shelves.
3.2.3.1
Shelf Installation
The installation process for each shelf is identical. The shelves must be installed on the same
horizontal level. In the following section, inner side illustrations feature the left shelf and outer side
illustrations feature the right shelf.
Perform the following procedure for each shelf:
1. If applicable, verify that both locking mechanism latches on the shelf are open (Figure 6: Left Shelf
– Inner View, insets A and B). Racks that do not require the locking mechanism, skip to Step 2.
2. Attach the front side of the shelf to its corresponding front rack post by inserting the shelf-side rack
plugs and guide pins into post slots (Figure 10: Attaching the Right Shelf).
The shelf ledge must be between the front posts. If the rack plugs were previously removed or not
present, use bolts to attach the shelf to the rack, and skip to Step 4..
Figure 10: Attaching the Right Shelf
1
Right front rack post
2
Right shelf
3. Close the front locking mechanism latch (Figure 7: Right Shelf – Outer View).
4. Glide the slide-end to a position outside of its rear rack post (Figure 11: Adjusting the Right Shelf ).
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com