Electronic Components Datasheet Search
  English  ▼

X  

DCS-7308XFM-R Datasheet(PDF) 32 Page - Arista Networks, Inc

Part # DCS-7308XFM-R
Description  Quick Start Guide 7300 Series Modular Data Center Switches
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7308XFM-R Datasheet(HTML) 32 Page - Arista Networks, Inc

Back Button DCS-7308XFM-R Datasheet HTML 28Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 29Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 30Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 31Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 32Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 33Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 34Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 35Page - Arista Networks, Inc DCS-7308XFM-R Datasheet HTML 36Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
4.2.3
PWR-3K-DC-Blue Power Supply
Figure 22: PWR-3K-DC-Blue Power Supply displays the PWR-3K-DC-Blue power supply.
Figure 22: PWR-3K-DC-Blue Power Supply
1. Prepare the stranded wiring, see Wire and Lug Preparation
2. Attach the power cable to the supply terminals.
3. Tightening Torque: 2.7 N-m (24 in.-lbs.)
4.3
DC Power Adapter Installation for PWR-2700-DC-R
4.3.1
Connecting the Power Cable Lug to the Terminal Studs
1. Prepare the stranded wiring, see Wire and Lug Preparation.
2. Remove the clear plastic cover protecting the terminal studs on the adapter by lifting the small
center tab while sliding the cover off the adapter.
4.3.2
Connecting the Ground to PWR-2700-DC-R Power Supply
The primary ground on the system requires a 2 – 4 AWG 5/16 inch lug per power supply.
Figure 23: PWR-2700-DC-R Power Supply displays the PWR-2700-DC-R power supply without the
DC adapter.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com