Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PTOOL4A Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-PTOOL4A
Description  Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PTOOL4A Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-PTOOL4A Datasheet HTML 1Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 2Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 3Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 4Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 5Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 6Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 7Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 8Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Figure 3. STEVAL-PTOOL4A circuit schematic (3 of 6)
I SENSE U
+3V3A
R21
30k
R22
1k
SENP_U
C22
1nF
R23
220
ADC_I_U
C23
2n2
R24
1k
SENM_U
PLACE RC CLOSE TO THE MCU PIN
GND_SIGNAL
R27
30k
R28
30k
GND_SIGNAL
R29
30k
+3V3A
R32
30k
I SENSE V
R35
1k
SENP_V
R36
220
ADC_I_V
C26
1nF
C27
2n2
R37
1k
SENM_V
R38
30k
R39
30k
PLACE RC CLOSE TO THE MCU PIN
GND_SIGNAL
R40
30k
GND_SIGNAL
+3V3A
R41
30k
I SENSE W
R42
1k
SENP_W
C29
1nF
R43
220
ADC_I_W
C30
2n2
R44
1k
SENM_W
R45
30k
R46
30k
PLACE RC CLOSE TO THE MCU PIN
R47
30k
GND_SIGNAL
0.1% RESISTORS
GND_SIGNAL
+3V3A
C31
100nF
VBATT+
R85
27k
PLACE RC CLOSE TO MCU PINS
ADC_VDC
R88
3.9k
C55
10nF
D19
BAT54SWFILM
+3V3
GND_SIGNAL
VOLTAGE SENSE
+3V3
EP1
NTC1
10k
TEMP_FB
EP2
C58
100nF
R96
4.7k
GND_SIGNAL
THERMAL PROTECTION
+3V3A
C28
100nF
GND_SIGNAL
6-STEP SINGLE SHUNT
R25
1.5k
R26
100R
SENP_VB
C24
3.3nF
OP3_OUT_CPIN
R30
1.5k
R31
100R
SENM_VB
R33
6.8k
R34
6.8k
GND_SIGNAL
+3V3
R12
2k2
R14
2k2
R15
2k2
1
2
3
4
5
J5
HALL_SENSOR
R16
100R
R19
100R
R18
100R
R20
51R
C18
2n2
C19
2n2
C20
2n2
+5V
C21
100nF
GND_SIGNAL
GND_SIGNAL
D7
D8
D9
GND_SIGNAL
HALL SENSOR I/F
+3V3
R90
2.2k
1
2
3
4
5
J13
TRIG_X
R91
100R
R92
100R
C56
4.7nF
C57
100nF
D21
D22
GND_SIGNAL
THROTTLE, TRIGGER & DIRECTION
BEMF SENSING
R49
27k
OUT_U
OUT_V
R51
27k
R53
27k
OUT_W
PLACED CLOSE TO OUTPUT TERMINALS
R2
27k
R3
3.9k
C1
100nF
D1
BAT54SWFILM
+3V3
GND_SIGNAL
R4
27k
R5
3.9k
C3
100nF
D2
BAT54SWFILM
GND_SIGNAL
+3V3
R6
27k
R8
3.9k
C5
100nF
D3
BAT54SWFILM
GND_SIGNAL
+3V3
R10
220
C7
2n2
D4
BAT54SWFILM
+3V3
BEMF FEEDBACK
H1
H2
H3
ADC_V_W
ADC_THRTL
ADC_V_V
ADC_V_U
+3V3
1
2
J2
GND_SIGNAL
+5V
R94
75R
1
2
J14 (NM)
R95
75R
GND_SIGNAL
2
3
1
U3A
6
5
7
U3B
TSV912IQ2T
U3C
2
3
1
U2A
TSV912IQ2T
6
5
7
U2B
U2C
GND_SIGNAL
H1_X
H2_X
H3_X
DIR_X
THROTTLE_X
BEMF_U
BEMF_V
BEMF_W
BEMF_U
BEMF_V
BEMF_W
OP1_OUT
OP1_INM
OP1_INP
OP2_OUT
OP2_INP
OP2_INM
OP4_OUT
OP4_INP
OP4_INM
OP3_INP
OP3_INM
DIR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com