Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PTOOL4A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STEVAL-PTOOL4A
Description  Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PTOOL4A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STEVAL-PTOOL4A Datasheet HTML 3Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 4Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 5Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 6Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 7Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 8Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 9Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 10Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Figure 6. STEVAL-PTOOL4A circuit schematic (6 of 6)
R_SH_U+
C43
220nF
4
Q3
STL220N6F7
4
Q4
STL220N6F7
4
Q2
STL220N6F7
SB10
NET_TIE
SB14
NET_TIE
SB13
NET_TIE
4
Q5
STL220N6F7
J11
DNM
C32
220nF
R77
3mOhm-3W
J12
DNM
R78
3mOhm-3W
4
Q6
STL220N6F7
C38
220nF
SB9
NET_TIE
R79
3mOhm-3W
SB12
NET_TIE
4
Q1
STL220N6F7
SB8
NET_TIE
SB7
NET_TIE
SB11
NET_TIE
GND
VBATT+
GND
GND
Differential Pairs
STAR GND
Differential Pair
0612_TINDROP
0612_TINDROP
Differential Pair
SENP_U
SENM_U
SENP_V
SENP_VB
SENM_VB
SENM_V
SENP_W
SENM_W
OUT_U
SRC_UL
OUT_W
SRC_WL
OUT_V
GUH
GUL
GVH
GVL
GWH
GWL
+
C33A
180uF
+
C33B
180uF
1
J8
OUT_U1
1
J9
OUT_V1
1
J10
OUT_W1
1
J6
1
J7
SRC_VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com