Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-PTOOL4A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-PTOOL4A
Description  Compact, customizable and configurable reference design for battery operated BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-PTOOL4A Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-PTOOL4A Datasheet HTML 1Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 2Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 3Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 4Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 5Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 6Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 7Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 8Page - STMicroelectronics STEVAL-PTOOL4A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
•
Input voltage from 12 to 28 V DC (Nominally 21 V)
•
Output RMS current up to 20A
•
The board comprises the following key devices:
–
STM32G473CET6: A high-performance Arm®-based Cortex®-M4 32-bit
MCU+FPU in LQFP48 (7x7mm) package. The MCU embeds
trigonometric and arithmetic math accelerators (CORDIC + FMAC),
timers for motor control PWM and dead time generation
–
STDRIVE101: triple half-bridge gate driver in VFQFPN (4x4mm) with
inbuilt regulator
–
STL220N6F7: six N-channel 60 V, 0.0012 Ω typ., 120 A, STripFET F7
power MOSFET in a PowerFLAT 5x6 package
–
L6981NDR: 38 V, 1.5 A synchronous step-down converter in a
PowerSO-8 package
–
LDL112: 1.2 A low quiescent current LDO with reverse current protection
in a SO8-batwing package
–
TSV912IQ2T: dual rail to rail input/output 8MHz op amp
–
BAT54KFILM: 40 V, 300 mA small signal Schottky diodes (single)
–
BAT54SWFILM: 40 V, 300 mA small signal Schottky diodes (series)
–
2STR2160: low voltage fast switching PNP power transistor
–
2STR1160: low voltage fast switching NPN power transistor
–
2STR21STPS0560Z: 60 V, 0.25 A power Schottky rectifier
–
ESDALC6V1-1U2: single line low capacitance transilTM for ESD
protection is a precision 500 mA regulator
•
Hardware features enabling efficient motor control options
–
Independent ADCs for 3-phase current sensing through shunts
–
3 ADC channels for back EMF sensing
–
Bus voltage sensing
–
Hardware over current protection through gate drive
–
Option for temperature sensing
–
Option for digital hall sensors or encoder inputs
–
Option for mounting heat sink
Product summary
Compact,
customizable
and configurable
reference design
for battery
operated BLDC/
PMSM power
tools based on
STM32G473 and
STDRIVE 101
STEVAL-PTOOL4A
Mainstream Arm
Cortex-M4 MCU
170 MHz with
512 Kbytes of
Flash memory,
Math
Accelerator, High
Analog level
integration
STM32G473CET6
Triple half-bridge
gate driver
STDRIVE101
Applications
Industrial motor control
Compact, customizable and configurable reference design for battery operated
BLDC/PMSM power tools based on STM32G473 and STDRIVE 101
STEVAL-PTOOL4A
Data brief
DB5216 - Rev 1 - April 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STEVAL-PTOOL4A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-PTOOL1V1 STMICROELECTRONICS-STEVAL-PTOOL1V1 Datasheet
3Mb / 4P
Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
More results

Similar Description - STEVAL-PTOOL4A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFN003V1 STMICROELECTRONICS-STEVAL-IFN003V1 Datasheet
368Kb / 5P
PMSM FOC motor driver based on the L6230 and STM32F103
20-Oct-2011
logo
Omron Electronics LLC
FCM8531 OMRON-FCM8531 Datasheet
985Kb / 20P
MCU Embedded and Configurable 3-Phase PMSM / BLDC Motor Controller
logo
List of Unclassifed Man...
BITSYXB ETC2-BITSYXB Datasheet
815Kb / 2P
Compact and battery operated Comprehensive I/O on a single board
logo
STMicroelectronics
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
logo
TRINAMIC Motion Control...
TMC6100 TRINAMIC-TMC6100 Datasheet
1Mb / 41P
PMSM FOC drives and BLDC motors
logo
STMicroelectronics
EVALKIT-ROBOT-1 STMICROELECTRONICS-EVALKIT-ROBOT-1 Datasheet
1Mb / 15P
Compact reference design kit for robotics and automation based on STSPIN32F0A
Feb-2020
STEVAL-PTOOL1V1 STMICROELECTRONICS-STEVAL-PTOOL1V1 Datasheet
3Mb / 4P
Compact reference design for low voltage brushless power tools based on STSPIN32F0B
Rev 2 - January 2021
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
STEVAL-ASTRA1B STMICROELECTRONICS-STEVAL-ASTRA1B Datasheet
917Kb / 28P
Multiconnectivity asset tracking reference design based on STM32WB5MMG and STM32WL55JC
11-Mar-2022
EVLVIPGAN50PD STMICROELECTRONICS-EVLVIPGAN50PD Datasheet
2Mb / 9P
45 W QR USB PD adaptor reference design based on VIPERGAN50 and STUSB4761
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com