Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices AD8318 Datasheet HTML 22Page - Analog Devices AD8318 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD8318
USING THE AD8318
analog.com
Rev. E | 19 of 24
control subsystems, such as power amplifiers (PAs), variable gain
amplifiers (VGAs), or variable voltage attenuators (VVAs) that have
output power that increases monotonically with respect to their gain
control signal.
To operate in controller mode, the link between VSET and VOUT
is broken. A setpoint voltage is applied to the VSET input; VOUT
is connected to the gain control terminal of the VGA, and the
detector RF input is connected to the output of the VGA (usually
using a directional coupler and some additional attenuation). Based
on the defined relationship between VOUT and the RF input signal
when the device is in measurement mode, the AD8318 adjusts the
voltage on VOUT (VOUT is now an error amplifier output) until the
level at the RF input corresponds to the applied VSET.
When the AD8318 operates in controller mode, there is no defined
relationship between VSET and VOUT voltage; VOUT settles to a
value that results in the correct input signal level appearing at
INHI/INLO.
In order for this output power control loop to be stable, a ground-ref-
erenced capacitor is connected to the CLPF pin. This capacitor,
CFLT, integrates the error signal (in the form of a current) to set
the loop bandwidth and ensure loop stability. For further details on
control loop dynamics, refer to the AD8315 data sheet.
Figure 42. AD8318 Controller Mode
Decreasing VSET, which corresponds to demanding a higher signal
from the VGA, tends to increase VOUT. The gain control voltage of
the VGA must have a positive sense. A positive control voltage to
the VGA increases the gain of the device.
The basic connections for operating the AD8318 as an analog
controller with the AD8367 are shown in Figure 43. The AD8367
is a low frequency to 500 MHz VGA with 45 dB of dynamic range.
This configuration is very similar to the one shown in Figure 42.
For applications working at high input frequencies, such as cellular
bands or WLAN, or those requiring large gain control ranges, the
AD8318 can control the 10 MHz to 3 GHz ADL5330 RF VGA. For
further details and an application schematic, refer to the ADL5330
data sheet.
The voltage applied to the GAIN pin controls the gain of the
AD8367. This voltage, VGAIN, is scaled linear-in-dB with a slope of
20 mV/dB and runs from 50 mV at −2.5 dB of gain up to 1.0 V at
+42.5 dB.
The incoming RF signal to the AD8367 has a varying amplitude
level. Receiving and demodulating it with the lowest possible error
requires that the signal levels be optimized for the highest signal-
to-noise ratio (SNR) feeding into the analog-to-digital converters
(ADC). This is done by using an automatic gain control (AGC) loop.
In Figure 43, the voltage output of the AD8318 modifies the gain
of the AD8367 until the incoming RF signal produces an output
voltage that is equal to the setpoint voltage VSET.
Figure 43. AD8318 Operating in Controller Mode to Provide Automatic Gain
Control Functionality in Combination with the AD8367
The AGC loop is capable of controlling signals over ~45 dB dynam-
ic range. The output of the AD8367 is designed to drive loads ≥
200 Ω. As a result, it is not necessary to use the 53.6 Ω resistor at
the input of the AD8318; the nominal input impedance of 2 kΩ is
sufficient.
If the AD8367 output drives a 50 Ω load, such as an oscilloscope
or spectrum analyzer, use a simple resistive divider network. The
divider used in Figure 43 has an insertion loss of 11.5 dB. Figure 44
shows the transfer function of output power vs. VSET voltage for a
100 MHz sine wave at −40 dBm into the AD8367.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com