Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices AD8318 Datasheet HTML 22Page - Analog Devices AD8318 Datasheet HTML 23Page - Analog Devices AD8318 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
AD8318
USING THE AD8318
analog.com
Rev. E | 20 of 24
Figure 44. AD8367 Output Power vs. AD8318 Setpoint Voltage
For the AGC loop to remain locked, the AD8318 must track the
envelope of the VGA output signal and provide the necessary
voltage levels to the AD8367 gain control input. Figure 45 shows
an oscilloscope screen image of the AGC loop depicted in Figure
43. A 50 MHz sine wave with 50% AM modulation is applied to the
AD8367. The output signal from the VGA is a constant envelope
sine wave with an amplitude corresponding to a setpoint voltage at
the AD8318 of 1.0 V.
Figure 45. Oscilloscope Screen Image Showing an AM Modulated Input
Signal to the AD8367. The AD8318 tracks the envelope of this input signal
and applies the appropriate voltage to ensure a constant output from the
AD8367.
The 45 dB control range is constant for the range of VSET voltages.
The input power levels to the AD8367 must be optimized to achieve
this range. In Figure 46, the minimum and maximum input power
levels are shown vs. setpoint voltage.
Figure 46. Setpoint Voltage vs. Input Power. Optimal signal levels must be
used to achieve the full 45 dB dynamic range capabilities of the AD8367.
In some cases, if VGAIN is >1.0 V it can take an unusually long
time for the AGC loop to recover; that is, the output of the AD8318
remains at an abnormally high value and the gain is set to its
maximum level. A voltage divider is placed between the output of
the AD8318 and the AD8367 GAIN pin to ensure that VGAIN does
not exceed 1.0 V.
In Figure 43, CHP and RHP are configured to reduce oscillation and
distortion due to harmonics at higher gain settings. Some additional
filtering is recommended between the output of the AD8367 and the
input of the AD8318. This helps to decrease the output noise of the
AD8367, which can reduce the dynamic range of the loop at higher
gain settings (smaller VSET).
Response time and the amount of signal integration are controlled
by CFLT. This functionality is analogous to the feedback capacitor
around an integrating amplifier. Though it is possible to use large
capacitors for CFLT, in most applications, values under 1 nF provide
sufficient filtering.
Calibration in controller mode is similar to the method used in
measurement mode. Do a simple 2-point calibration by applying
two known VSET voltages or DAC codes and measuring the output
power from the VGA. Slope and intercept are calculated using
Equation 20 to Equation 22:
Slope = (VSET1 − VSET2)/(POUT1 − POUT2)
(20)
Intercept = POUT1 − VSET1/Slope
(21)
VSET = Slope × (Px − Intercept)
(22)
For more information on AGC applications, refer to the AD8367
data sheet or ADL5330 data sheet.
CHARACTERIZATION SETUP AND METHODS
The general hardware configuration used for the AD8318 character-
ization is shown in Figure 47. The primary setup used for character-
ization is measurement mode. The characterization board is similar
to the customer evaluation board with the exception that the RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com