Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8318
Description  1 MHz to 8 GHz, 70 dB Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices AD8318 Datasheet HTML 22Page - Analog Devices AD8318 Datasheet HTML 23Page - Analog Devices AD8318 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
AD8318
USING THE AD8318
analog.com
Rev. E | 21 of 24
input has a Rosenberger SMA connector and R10 has changed to
a 1 kΩ resistor to remove cable capacitance from the bench char-
acterization setup. Slope and intercept are calculated in this data
sheet and in the production environment using linear regression
from −50 dBm to −10 dBm. The slope and intercept generate an
ideal line. Log conformance error is the difference from the ideal
line and the measured output voltage for a given temperature in
dB. For additional information on the error calculation, refer to the
Device Calibration and Error Calculation section.
The hardware configuration for pulse response measurement repla-
ces the 0 Ω series resistor at the VOUT pin with a 40 Ω resistor; the
CLPF pin remains open. Pulse response time is measured using
a Tektronix TDS5104 digital phosphor oscilloscope. Both channels
on the scope are configured for 50 Ω termination. The 10 Ω
internal series resistance at VOUT, combined with the 40 Ω resistor,
attenuates the output voltage level by two. RF input frequency is set
to 100 MHz with −10 dBm at the input of the device. The RF burst is
generated using a Rohde & Schwarz SMT06 with the pulse option
with a period of 1.5 μs, a width of 0.1 µs, and a pulse delay of 0.04
µs. The output response is triggered using the video output from the
SMT06. Refer to Figure 47 for an overview of the test setup.
To measure noise spectral density, the 0 Ω resistor in series with
the VOUT pin is replaced with a 1 µF dc blocking capacitor. The
capacitor is used because the Rohde & Schwarz FSEA spectrum
analyzer cannot handle dc voltages at its RF input. The CLPF pin
is left open for data collected for Figure 19. For Figure 20, a 1 µF
capacitor is placed between CLPF and ground. The large capacitor
filters the noise from the detector stages of the log amp. Noise
spectral density measurements are taken using the FSEA spectrum
analyzer and the SMT06 signal generator. The signal generator
frequency is set to 2.2 GHz. The spectrum analyzer has a span
of 10 Hz, resolution bandwidth of 50 Hz, video bandwidth of 50
Hz, and averages the signal 100×. Data is adjusted to account
for the dc blocking capacitor impedance on the output at lower
frequencies.
Figure 47. Pulse Response Measurement Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com