Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8362 Datasheet HTML 12Page - Analog Devices AD8362 Datasheet HTML 13Page - Analog Devices AD8362 Datasheet HTML 14Page - Analog Devices AD8362 Datasheet HTML 15Page - Analog Devices AD8362 Datasheet HTML 16Page - Analog Devices AD8362 Datasheet HTML 17Page - Analog Devices AD8362 Datasheet HTML 18Page - Analog Devices AD8362 Datasheet HTML 19Page - Analog Devices AD8362 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AD8362
Data Sheet
Rev. F | Page 16 of 33
CHARACTERIZATION SETUP
EQUIPMENT
The general hardware configuration used for most of the AD8362
characterization is shown in Figure 40. The signal source is a
Rohde & Schwarz SMIQ03B. A 1:4 balun transformer is used to
transform the single-ended RF signal to differential form. For
frequencies above 3.0 GHz, an Agilent 8521A signal source was
used. For the response measurements in Figure 32 and Figure 33,
the configuration shown in Figure 41 is used. For Figure 34 and
Figure 35, the configuration shown in Figure 42 is used. For
Figure 36, the configuration shown in Figure 43 is used.
AD8362
CHARACTERIZATION
BOARD
RFIN
3dB
VOUT
SMIQ03B
RF SOURCE
PC
CONTROLLER
MULTIMETER
HP34401A
Figure 40. Primary Characterization Setup
ANALYSIS
The slope and intercept are derived using the coefficients of
a linear regression performed on data collected in its central
operating range. Error is stated in two forms: error from the
linear response to the CW waveform and output delta from
25°C performance.
The error from linear response to the CW waveform is the
decibel difference in output from the ideal output defined by
the conversion gain and output reference. This is a measure of
the linearity of the device response to both CW and modulated
waveforms. The error in dB is calculated by

Slope
P
P
Slope
VOUT
Error
Z
IN 
dB
(1)
where PZ is the x intercept, expressed in dBm.
Error from the linear response to the CW waveform is not a
measure of absolute accuracy because it is calculated using
the slope and intercept of each device. However, it verifies the
linearity and the effect of modulation on the device response.
Error from the 25°C performance uses the performance of a
given device and waveform type as the reference; it is predomi-
nantly a measurement of output variation with temperature.
C1
C2
C3
C4
BALUN
3dB
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
AD8362
RF 50Ω
HPE3631A
POWER
SUPPLY
SMT03
SIGNAL
GENERATOR
TEK P5050
VOLTAGE PROBE
TEK TDS5104
SCOPE
Figure 41. Response Measurement Setup for Modulated Pulse
C1
C2
C3
C4
BALUN
3dB
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
AD8362
RF 50Ω
TEK TDS5104
SCOPE
TEK P5050
VOLTAGE PROBE
HP8112A
PULSE
GENERATOR
SMT03
SIGNAL
GENERATOR
HPE3631A
POWER
SUPPLY
Figure 42. Response Measurement Setup for Power-Down Step
TEK P5050
VOLTAGE
PROBE
C1
C2
C3
C4
BALUN
3dB
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
AD8362
RF 50Ω
732Ω
0.01µF
100pF
50Ω
AD811
TEK TDS5104
SCOPE
HP8112A
PULSE
GENERATOR
SMT03
SIGNAL
GENERATOR
Figure 43. Response Measurement Setup for Gated Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com