Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr™ Detector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8362 Datasheet HTML 13Page - Analog Devices AD8362 Datasheet HTML 14Page - Analog Devices AD8362 Datasheet HTML 15Page - Analog Devices AD8362 Datasheet HTML 16Page - Analog Devices AD8362 Datasheet HTML 17Page - Analog Devices AD8362 Datasheet HTML 18Page - Analog Devices AD8362 Datasheet HTML 19Page - Analog Devices AD8362 Datasheet HTML 20Page - Analog Devices AD8362 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Data Sheet
AD8362
Rev. F | Page 17 of 33
CIRCUIT DESCRIPTION
The AD8362 is a fully calibrated, high accuracy, rms-to-dc
converter providing a measurement range of over 65 dB. It is
capable of operating from signals as low in frequency as a few
hertz to at least 3.8 GHz. Unlike earlier rms-to-dc converters,
the response bandwidth is completely independent of the signal
magnitude. The −3 dB point occurs at about 3.5 GHz. The
capacity of this device to accurately measure waveforms having a
high peak-to-rms ratio (crest factor) is independent of either
the signal frequency or its absolute magnitude, over a wide
range of conditions.
This unique combination allows the AD8362 to be used as a
calibrated RF wattmeter covering a power ratio of >1,000,000:1,
a power controller in closed-loop systems, a general-purpose
rms-responding voltmeter, and in many other low frequency
applications.
The device comprises the core elements of a high performance
AGC loop (see Figure 44), laser-trimmed during manufacturing
to close tolerances while fully operational at a test frequency of
100 MHz. Its linear, wideband VGA provides a general voltage
gain, GSET; this can be controlled in a precisely exponential (linear-
in-dB) manner over the full 68 dB range from −25 dB to +43 dB
by a voltage, VSET. However, to provide adequate guardbanding,
only the central 60 dB of this range, from −21 dB to +39 dB, is
normally used. The Adjusting VTGT to Accommodate Signals
with Very High Crest Factors section shows how this basic
range can be shifted up or down.
VGA
INHI
INLO
CHPF
VSET
VREF
1.25V
× 0.06
ACOM
VTGT
X2
X2
VSIG
VATG
CF
CLPF
VOUT
ACOM
ISQU
ITGT
–25dB TO +43dB
GSET
OFFSET
NULLING
SETPOINT
INTERFACE
INTERNAL
RESISTORS
SET BUFFER
GAIN TO 5
AMPLITUDE TARGET
FOR VSIG
MATCH WIDE-
BAND SQUARERS
OUTPUT
FILTER
BAND GAP
REFERENCE
CLPF
EXTERNAL
Figure 44. Basic Structure of the AD8362
The VGA gain has the form
GSET
= GO exp(−VSET/VGNS)
(2)
where:
GO
is a basic fixed gain.
VGNS
is a scaling voltage that defines the gain slope (the dB
change per volt). Note that the gain decreases with VSET.
The VGA output is
VSIG
= GSETVIN = GOVIN exp(−VSET/VGNS)
(3)
where VIN is the ac voltage applied to the input terminals
of the AD8362.
As explained in the Recommended Input Coupling section, the
input drive can either be single-sided or differential, although
dynamic range is maximized with a differential input drive. The
effect of high frequency imbalances when using a single-sided
drive is less apparent at low frequencies (from 50 Hz to 500 MHz),
but the peak input voltage capacity is always halved relative to
differential operation.
SQUARE LAW DETECTION
The output of the variable gain amplifier (VSIG) is applied to
a wideband square law detector, which provides a true rms
response to this alternating signal that is essentially independent
of waveform. Its output is a fluctuating current (ISQU) that has
a positive mean value. This current is integrated by an on-chip
capacitance (CF), which is usually augmented by an external
capacitance (CLPF) to extend the averaging time. The resulting
voltage is buffered by a gain of 5, dc-coupled amplifier whose
rail-to-rail output (VOUT) can be used for either measurement
or control purposes.
In most applications, the AGC loop is closed via the setpoint
interface pin, VSET, to which the VGA gain control voltage on
VOUT is applied. In measurement modes, the closure is direct
and local by a simple connection from the output of the VOUT
pin to the VSET pin. In controller modes, the feedback path is
around some larger system, but the operation is the same.
The fluctuating current (ISQU) is balanced against a fixed
setpoint target current (ITGT) using current mode subtraction.
With the exact integration provided by the capacitor(s), the
AGC loop equilibrates when
MEAN(ISQU) = ITGT
(4)
The current, ITGT, is provided by a second-reference squaring
cell whose input is the amplitude-target voltage VATG. This is
a fraction of the voltage VTGT applied to a special interface,
which accepts this input at the VTGT pin. Because the two
squaring cells are electrically identical and are carefully imple-
mented in the IC, process and temperature-dependent variations
in the detailed behavior of the two square-law functions cancel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com