Electronic Components Datasheet Search
  English  ▼

X  

ADL5513 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5513 Datasheet HTML 4Page - Analog Devices ADL5513 Datasheet HTML 5Page - Analog Devices ADL5513 Datasheet HTML 6Page - Analog Devices ADL5513 Datasheet HTML 7Page - Analog Devices ADL5513 Datasheet HTML 8Page - Analog Devices ADL5513 Datasheet HTML 9Page - Analog Devices ADL5513 Datasheet HTML 10Page - Analog Devices ADL5513 Datasheet HTML 11Page - Analog Devices ADL5513 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
ADL5513
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. B | 8 of 25
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 4
VPOS
Positive Supply Voltage, 2.7 V to 5.5 V.
2
INHI
RF Input. AC-coupled RF input.
3
INLO
RF Common for INHI. AC-coupled RF common.
5, 6, 7, 8, 13,
15, 16
NC
No Connect. These pins can be left open or be soldered to a low impedance ground plane.
9
TADJ
Temperature Compensation Adjustment. Frequency-dependent temperature compensation is set by applying a specified voltage to
the pin. The TADJ pin has dual functionality as a power-down pin, PWDN. Applying a voltage of VPOS − 0.3 V disables the device.
10
COMM
Device Common.
11
VSET
Setpoint Input for Operation in Controller Mode. To operate in RSSI mode short VSET to VOUT.
12
VOUT
Logarithmic/Error Output.
14
CLPF
Loop Filter Capacitor Pin. In measurement mode, this capacitor pin sets the pulse response time and video bandwidth. In controller
mode, the capacitance on this node sets the response time of the error amplifier/integrator.
EPAD
Exposed Pad. The exposed pad is internally connected to COMM; solder to a low impedance ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com