Electronic Components Datasheet Search
  English  ▼

X  

ADL5513 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5513 Datasheet HTML 5Page - Analog Devices ADL5513 Datasheet HTML 6Page - Analog Devices ADL5513 Datasheet HTML 7Page - Analog Devices ADL5513 Datasheet HTML 8Page - Analog Devices ADL5513 Datasheet HTML 9Page - Analog Devices ADL5513 Datasheet HTML 10Page - Analog Devices ADL5513 Datasheet HTML 11Page - Analog Devices ADL5513 Datasheet HTML 12Page - Analog Devices ADL5513 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Data Sheet
ADL5513
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 9 of 25
VPOS = 5 V; TA = +25°C, −40°C, +85°C, +125°C; CLPF = 0.1 μF, error is calculated by using the best-fit line between PIN = −20 dBm and PIN =
−40 dBm at the specified input frequency, unless otherwise noted.
Figure 3. VOUT and Log Conformance vs. Input Amplitude at 100 MHz, Typical
Device, VTADJ = 0.89 V
Figure 4. VOUT and Log Conformance vs. Input Amplitude at 900 MHz, Typical
Device, VTADJ = 0.86 V
Figure 5. VOUT and Log Conformance vs. Input Amplitude at 1900 MHz,
Typical Device, VTADJ = 0.80 V
Figure 6. VOUT and Log Conformance vs. Input Amplitude at 100 MHz,
Multiple Devices, VTADJ = 0.89 V
Figure 7. VOUT and Log Conformance vs. Input Amplitude at 900 MHz,
Multiple Devices, VTADJ = 0.86 V
Figure 8. VOUT and Log Conformance vs. Input Amplitude at 1900 MHz,
Multiple Devices, VTADJ = 0.80 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com