Electronic Components Datasheet Search
  English  ▼

X  

ADL5513 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5513
Description  1 MHz to 4 GHz, 80 dB Logarithmic Detector/Controller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5513 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5513 Datasheet HTML 12Page - Analog Devices ADL5513 Datasheet HTML 13Page - Analog Devices ADL5513 Datasheet HTML 14Page - Analog Devices ADL5513 Datasheet HTML 15Page - Analog Devices ADL5513 Datasheet HTML 16Page - Analog Devices ADL5513 Datasheet HTML 17Page - Analog Devices ADL5513 Datasheet HTML 18Page - Analog Devices ADL5513 Datasheet HTML 19Page - Analog Devices ADL5513 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
Data Sheet
ADL5513
APPLICATIONS INFORMATION
analog.com
Rev. B | 16 of 25
Intercept=PIN1−VOUTMEASURED
Slope
(6)
Once the slope and intercept are calculated, VOUT(IDEAL) can be
calculated, and the error is determined using the following equation:
Error=VOUTMEASURED−VOUTIDEAL
Slope
(7)
Figure 31 shows a plot of the error at 25°C, the temperature at
which the device is calibrated. Error is not 0 dB over the full
dynamic range. This is because the log amp does not perfectly
follow the ideal VOUT vs. PIN equation, even within its operating
range. The error at the calibrating points of −20 dBm and −40 dBm
is equal to 0 dB by definition.
Figure 31 also shows error plots for output voltages measured
at −40°C and 85°C. These error plots are calculated using slope
and intercept at 25°C, which is consistent in a mass-production
environment, where calibration over temperature is not practical.
This is a measure of the linearity of the device. Error from the
linear response to the CW waveform is not a measure of absolute
accuracy because it is calculated using the slope and intercept of
each device. However, error verifies the linearity of the devices.
Similarly, at temperature extremes, error represents the output
voltage variations from the 25°C ideal line performance. Data pre-
sented in the graphs are the typical error distributions observed
during characterization of the ADL5513. Device performance was
optimized for operation at 85°C; this can be changed by changing
the voltage at TADJ.
ADJUSTING ACCURACY THROUGH CHOICE
OF CALIBRATION POINTS
Choose calibration points to suit the specific application, but usually
they should be in the linear range of the log amp.
In some applications, very high accuracy is required at a reduced
input range; in other applications, good linearity is necessary over
the full power input range. The linearity of the transfer function can
be adjusted by choice of calibration points. Figure 32 and Figure
33 show plots for a typical device at 3600 MHz as an example of
adjusting accuracy through choice of calibration points.
Figure 32. Typical Device at 3600 MHz, Calibration Points at PIN = −20 dBm
and −40 dBm
Figure 33. Typical Device at 3600 MHz, Calibration Points at PIN = −12 dBm
and −40 dBm
In Figure 32, calibration points are chosen so that linearity is
improved over the full dynamic range, but error at the higher power
level at PIN = −10 dBm is 0.5 dB at 25°C. In Figure 33, calibration
points are chosen so that error is smaller at higher power input ,but
with loss of linearity over the full dynamic range.
Figure 34 shows another way of presenting the error of a log amp
detector. The same typical device from Figure 32 and Figure 33
is presented where the error at −40°C, +85°C, and +125°C are
calculated with respect to the output voltage at +25°C. This is the
key difference in presenting the error of a log amp compared with
the plots in Figure 32 and Figure 33 where the error is calculated
with respect to the ideal line at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com