Electronic Components Datasheet Search
  English  ▼

X  

PL610-01 Datasheet(PDF) 3 Page - PhaseLink Corporation

Part # PL610-01
Description  1.8V to 3.3V, 1MHz to 130MHz XO IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL610-01 Datasheet(HTML) 3 Page - PhaseLink Corporation

  PL610-01 Datasheet HTML 1Page - PhaseLink Corporation PL610-01 Datasheet HTML 2Page - PhaseLink Corporation PL610-01 Datasheet HTML 3Page - PhaseLink Corporation PL610-01 Datasheet HTML 4Page - PhaseLink Corporation PL610-01 Datasheet HTML 5Page - PhaseLink Corporation PL610-01 Datasheet HTML 6Page - PhaseLink Corporation PL610-01 Datasheet HTML 7Page - PhaseLink Corporation PL610-01 Datasheet HTML 8Page - PhaseLink Corporation PL610-01 Datasheet HTML 9Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(Preliminary)
PL610-01
1.8V to 3.3V, 1MHz to 130MHz XO IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 4/2/07 Page 3
FUNCTIONAL DESCRIPTION
PL610-01 is a highly featured, very flexible, advanced XO design for high performance, low-power, small form-
factor applications. The PL610-01 accepts a fundamental input crystal of 5MHz to 130MHz or a reference clock
input of 1MHz to 130MHz and is capable of producing two outputs up to 130MHz. This flexible design allows the
PL610-01 to deliver any frequency, FREF (Crystal or Ref Clk) frequency, FREF / 2 or FREF / P to CLK0 and/or
CLK1. Some of the design features of the PL610-01 are mentioned below:
Clock Output (CLK0)
CLK0 is the main clock output. The output from CLK0
can be FREF (Crystal or Ref Clk), FREF/2 or FREF/P
output. The output drive level can be programmed to
Low Drive (4mA), Standard Drive (8mA) or High Drive
(16mA).
Programmable I/O (OE/PDB/CLK1)
The PL610-01provides one programmable I/O pin
which can be configured as one of the following
functions:
Output Enable (OE)
The Output Enable feature allows the user to enable
and disable the clock output(s) by toggling the OE
pin. The OE pin incorporates a 60kΩ pull up
resistor giving a default condition of logic “1”.
Power-Down Control (PDB)
The Power Down (PDB) feature allows the user to
put the PL610-01 into “Sleep Mode”. When
activated (logic ‘0’), PDB ‘Disables the PLL, the
oscillator circuitry, counters, and all other active
circuitry. In Power Down mode the IC consumes
<10µA of power. The PDB pin incorporates a 10MΩ
pull up resistor giving a default condition of logic “1”.
Clock Output (CLK1)
The CLK1 feature allows the PL610-01 to have an
additional clock output programmed to one of the
following:
FREF - Reference (Crystal or Ref Clk)
Frequency
FREF / 2
CLK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com