Electronic Components Datasheet Search
  English  ▼

X  

PL610-01 Datasheet(PDF) 6 Page - PhaseLink Corporation

Part # PL610-01
Description  1.8V to 3.3V, 1MHz to 130MHz XO IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL610-01 Datasheet(HTML) 6 Page - PhaseLink Corporation

Back Button PL610-01 Datasheet HTML 2Page - PhaseLink Corporation PL610-01 Datasheet HTML 3Page - PhaseLink Corporation PL610-01 Datasheet HTML 4Page - PhaseLink Corporation PL610-01 Datasheet HTML 5Page - PhaseLink Corporation PL610-01 Datasheet HTML 6Page - PhaseLink Corporation PL610-01 Datasheet HTML 7Page - PhaseLink Corporation PL610-01 Datasheet HTML 8Page - PhaseLink Corporation PL610-01 Datasheet HTML 9Page - PhaseLink Corporation PL610-01 Datasheet HTML 10Page - PhaseLink Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
(Preliminary)
PL610-01
1.8V to 3.3V, 1MHz to 130MHz XO IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 4/2/07 Page 6
DC SPECIFICATIONS
PARAMETERS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
@Vdd=3.3V,25MHz, load=15pF
3.4
mA
@Vdd=2.5V,25MHz, load=10pF
2.1
mA
@Vdd=1.8V,25MHz, load=5pF
0.9
mA
Supply Current, Dynamic,
with Loaded CMOS Output
IDD
@Vdd=1.8V,2.0MHz, load=5pF
0.65
mA
Operating Voltage
VDD
1.62
3.63
V
Output Low Voltage
VOL
IOL = +4mA Standard Drive
0.4
V
Output High Voltage
VOH
IOH = -4mA Standard Drive
VDD – 0.4
V
Output Current, Low Drive
(See MCT-2)
IOLD
VOL = 0.4V, VOH = 2.4V
4
mA
Output Current, Standard
Drive (See MCT-2)
IOSD
VOL = 0.4V, VOH = 2.4V
8
mA
Output Current, High Drive
(See MCT-2)
IOHD
VOL = 0.4V, VOH = 2.4V
16
mA
CRYSTAL SPECIFICATIONS (5MHz-60MHz)
PARAMETERS
SYMBOL
MIN.
TYP.
MAX.
UNITS
Fundamental Crystal Resonator Frequency
FXIN
5
60
MHz
Crystal Loading Rating
(The IC can be programmed for any value in this range.)
CL (xtal)
8
12
pF
Maximum Sustainable Drive Level
100
W
Operating Drive Level
25
W
Crystal Shunt Capacitance
C0
3
pF
Effective Series Resistance, Fundamental, 5 - 60MHz
(See MTC-1)
ESR
50




Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com