Electronic Components Datasheet Search
  English  ▼

X  

PL610-01 Datasheet(PDF) 8 Page - PhaseLink Corporation

Part # PL610-01
Description  1.8V to 3.3V, 1MHz to 130MHz XO IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PL610-01 Datasheet(HTML) 8 Page - PhaseLink Corporation

Back Button PL610-01 Datasheet HTML 3Page - PhaseLink Corporation PL610-01 Datasheet HTML 4Page - PhaseLink Corporation PL610-01 Datasheet HTML 5Page - PhaseLink Corporation PL610-01 Datasheet HTML 6Page - PhaseLink Corporation PL610-01 Datasheet HTML 7Page - PhaseLink Corporation PL610-01 Datasheet HTML 8Page - PhaseLink Corporation PL610-01 Datasheet HTML 9Page - PhaseLink Corporation PL610-01 Datasheet HTML 10Page - PhaseLink Corporation PL610-01 Datasheet HTML 11Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
(Preliminary)
PL610-01
1.8V to 3.3V, 1MHz to 130MHz XO IC
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 4/2/07 Page 8
MEASUREMENT TEST CIRCUITS (MTC)
MTC-1: Rise Time, Fall Time, Duty Cycle,
VOL, VOH, Idd, Power Down Current, Output
Enable/Disable
MTC-2: Output Drive Current and Output
Impedance
MTC-3: Jitter and Phase Noise
MTC-4: Negative Resistance
XOUT
XIN
OE^
Probe
FET
CLK
VDD
GND
0.1µF
0.1µF
V
R
XOUT
OE^
GND
0.1µF
XIN
CLK
VDD
0.1µF
XIN
OE^
XOUT
CLK
GND
VDD
0.1µF
Network
Analyzer
XIN
VDD
XOUT
GND
CLK
OE^
FET
Probe
CL
A
0.1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com