Electronic Components Datasheet Search
  English  ▼

X  

TIL311 Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TIL311
Description  HEXADECIMAL DISPLAY WITH LOGIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TIL311 Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TIL311 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TIL311
HEXADECIMAL DISPLAY WITH LOGIC
TAOS058 − JANUARY 2004
3
The
LUMENOLOGY
r Company
r
r
Copyright
E 2006, TAOS Inc.
www.taosinc.com
Electrical Characteristics at TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Iv
Luminous intensity (see Note 3)
Average per
character LED
VCC = 5 V,
See Note 4
VLED = 5 V,
35
100
µcd
Iv
Luminous intensity (see Note 3)
Each decimal
IF(DP) = 5 mA
35
100
µcd
λp
Wavelength at peak emission
VCC = 5 V,
VLED = 5 V,
660
nm
∆λ
Spectral bandwidth
VCC = 5 V,
IF(DP) = 5 mA,
VLED = 5 V,
See Note 5
20
nm
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VIK
Input clamp voltage
VCC = 4.75 V,
II = − 12 mA
−1.5
V
II
Input current
VCC = 5.5 V ,
VI = 5.5 V
1
mA
IIH
High-level input current
VCC = 5.5 V ,
VI = 2.4 V
40
µA
IIL
Low-level input current
VCC = 5.5 V ,
VI = 0.4 V
−1.6
mA
ICC
Supply current, logic
VCC = 5.5 V ,
VLED = 5.5 V,
60
90
mA
ILED
Supply current, LED
VCC = 5.5 V ,
IF(DP) = 5 mA,
VLED = 5.5 V,
All inputs at 0 V
45
90
mA
NOTES: 3. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on
Illumination) eye-response curve.
4. This parameter is measured with
displayed, then again with
displayed.
5. These parameters are measured with
displayed.
TYPICAL CHARACTERISTICS
Figure 1
600
620
640
660
680
700
0
0.2
0.4
0.6
0.8
1
λ − Wavelength − nm
RELATIVE SPECTRAL CHARACTERISTIC
VCC = 5 V
TC = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com