Electronic Components Datasheet Search
  English  ▼

X  

TIL311 Datasheet(PDF) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TIL311
Description  HEXADECIMAL DISPLAY WITH LOGIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TIL311 Datasheet(HTML) 4 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TIL311 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TIL311 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TIL311
HEXADECIMAL DISPLAY WITH LOGIC
TAOS058 − JANUARY 2004
4
r
r
Copyright
E 2006, TAOS Inc.
The
LUMENOLOGY
r Company
www.taosinc.com
TYPICAL CHARACTERISTICS
VCC − Logic Supply Voltage − V
4.6
4.7 4.8
4.9
5
5.1
5.2 5.3
4.5
0
0.2
0.6
1
1.4
1.6
0.4
0.8
1.2
5.4
5.5
VLED = 5 V
TC = 25°C
RELATIVE LUMINOUS INTENSITY
vs
LOGIC SUPPLY VOLTAGE
Figure 2
Figure 3
TC − Case Temperature − °C
0
10
2030
4050
60
70
0.1
0.2
0.3
0.4
1
2
4
0.7
3
RELATIVE LUMINOUS INTENSITY
vs
CASE TEMPERATURE
VCC = 5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com