Electronic Components Datasheet Search
  English  ▼

X  

TMS470PLF111 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS470PLF111
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470PLF111 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS470PLF111 Datasheet HTML 4Page - Texas Instruments TMS470PLF111 Datasheet HTML 5Page - Texas Instruments TMS470PLF111 Datasheet HTML 6Page - Texas Instruments TMS470PLF111 Datasheet HTML 7Page - Texas Instruments TMS470PLF111 Datasheet HTML 8Page - Texas Instruments TMS470PLF111 Datasheet HTML 9Page - Texas Instruments TMS470PLF111 Datasheet HTML 10Page - Texas Instruments TMS470PLF111 Datasheet HTML 11Page - Texas Instruments TMS470PLF111 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
TMS470PLF111
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS113 – OCTOBER 2006
8
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
Terminal Functions (Continued)
1 PWR = power, GND = ground, REF = reference voltage, NC = no connect
2 All I/O pins, except RST, are configured as inputs while PORRST is low and immediately after PORRST goes high.
3 IPD = internal pulldown, IPU = internal pullup (all internal pullups and pulldowns are active on input pins, independent of the PORRST state.)
Programmable IPU’s/IPD’s are disabled by default, except for I2C1SDA and I2C1SCL.
TERMINAL
INPUT
VOLT-
AGE(1)(2)
OUTPUT
CUR-
RENT(1)(2)
INTERNAL
PULLUP/
PULL-
DOWN(3)
DESCRIPTION
NAME
PIN
GENERAL-PURPOSE I/O (GIO)
GIOA[0]/INT[0]
113
5V
2mA
20
μA
Programmable
IPD/IPU
General-purpose input/output pins.
GIOA[7:0]/INT[7:0], GIOB[7:0]/INT[15:8], GIOC[7:0]/INT[23:16],
and GIOD[7:0]/INT[31:24] are interrupt-capable pins.
GIOA[1]/INT[1]
114
GIOA[2]/INT[2]
112
GIOA[3]/INT[3]
111
GIOA[4]/INT[4]
110
GIOA[5]/INT[5]
109
GIOA[6]/INT[6]
59
GIOA[7]/INT[7]
58
GIOB[0]/INT[8]
21
GIOB[1]/INT[9]
20
GIOB[2]/INT[10]
19
GIOB[3]/INT[11]
18
GIOB[4]/INT[12]
17
GIOB[5]/INT[13]
16
GIOB[6]/INT[14]
15
GIOB[7]/INT[15]
14
GIOC[0]/INT[16]
97
GIOC[1]/INT[17]
96
GIOC[2]/INT[18]
95
GIOC[3]/INT[19]
94
GIOC[4]/INT[20]
91
GIOC[5]/INT[21]
90
GIOC[6]/INT[22]
89
GIOC[7]/INT[23]
88
GIOD[0]/INT[24]
119
GIOD[1]/INT[25]
120
GIOD[2]/INT[26]
122
GIOD[3]/INT[27]
123
GIOD[4]/INT[28]
144
GIOD[5]/INT[29]
143
GIOD[6]/INT[30]
125
GIOD[7]/INT[31]
124
GIOE[0]
106
GIOE[1]
105



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com