Electronic Components Datasheet Search
  English  ▼

X  

TMS470PLF111 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMS470PLF111
Description  16/32-BIT RISC FLASH MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS470PLF111 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMS470PLF111 Datasheet HTML 16Page - Texas Instruments TMS470PLF111 Datasheet HTML 17Page - Texas Instruments TMS470PLF111 Datasheet HTML 18Page - Texas Instruments TMS470PLF111 Datasheet HTML 19Page - Texas Instruments TMS470PLF111 Datasheet HTML 20Page - Texas Instruments TMS470PLF111 Datasheet HTML 21Page - Texas Instruments TMS470PLF111 Datasheet HTML 22Page - Texas Instruments TMS470PLF111 Datasheet HTML 23Page - Texas Instruments TMS470PLF111 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 63 page
background image
TMS470PLF111
16/32-BIT RISC FLASH MICROCONTROLLER
SPNS113 – OCTOBER 2006
20
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251-1443
device numbering conventions
Figure 2 illustrates the numbering and symbol nomenclature for the TMS470 family.
Figure 2. TMS470 Family Nomenclature
Prefix: TMS = Standard Prefix for Fully Qualified Devices
Family:
470 = TMS470 ARM7TDMI CPU RISC-Embedded MCU Family
Device Voltage:
L = 5V
Program Memory Types:
C = Masked ROM
F= Flash
L = ROM-less
B = System Emulator for Development Tools
Architecture:
P = Platform architecture
Device Family:
1 = Body
Pin Compatibility:
1 = First Pinout
2 = Second Pinout
Program Memory Class:
1 = 0
<= 64K Bytes
1
<= 128K Bytes
2
<= 256K Bytes
3
<= 384K Bytes
5
<= 512K Bytes
7
<= 768K Bytes
A - E<= 1M - 4M Bytes
Operating Free-Air
I =
–40
°C to 85°C
Temperature Ranges:
T =
–40
°C to 105°C
Q =
–40
°C to 125°C
Package: PGE = 144-Pin Pb-Free/Green Plastic Low-Profile Quad Flatpack
(LQFP)
TMS 470 P
1
1PGE I
F
L
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com