Electronic Components Datasheet Search
  English  ▼

X  

B41754 Datasheet(PDF) 2 Page - EPCOS

Part # B41754
Description  Automotive -125
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41754 Datasheet(HTML) 2 Page - EPCOS

  B41754 Datasheet HTML 1Page - EPCOS B41754 Datasheet HTML 2Page - EPCOS B41754 Datasheet HTML 3Page - EPCOS B41754 Datasheet HTML 4Page - EPCOS B41754 Datasheet HTML 5Page - EPCOS B41754 Datasheet HTML 6Page - EPCOS B41754 Datasheet HTML 7Page - EPCOS B41754 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
111 10/02
B41754
Automotive – 125 °C
Specifications and characteristics in brief
Ripple current capability
Due to the ripple current capability of the contact elements, the following current upper limits must
not be exceeded:
I~max = 50 A
In case of additional thermal cooling:
I~max = 55 A
Rated voltage
UR
Surge voltage
US
25 ... 63 VDC
1,15 ·
UR
Rated capacitance
CR
Capacitance tolerance
3 900 to 20 000
µF
± 20 % M
Leakage current
IL
(5 min, 20 °C)
Self-inductance
ESL
Approx. 13 nH
Useful life
125 °C,
UR; I~R
85 °C,
UR; I~max
40 °C,
UR; 3,4 · I~R
> 2 500 h
> 15 000 h
>200 000 h
Requirements:
∆C/C
≤ ± 45 % of initial value
ESR
≤ 3 times initial specified limit
IL
≤ initial specified limit
Failure percentage:
≤ 1 %
Failure rate:
≤ 20 fit (≤ 20 · 10–9/h)
(for definiton “fit”, refer to chapter
“Quality”, page 62)
Voltage endurance test
125 °C;
UR; I~R
2 000 h
Post test requirements:
∆C/C
≤ ± 15 % of initial value
ESR
≤ 1,3 times initial specified limit
IL
≤ initial specified limit
Vibration resistance
To IEC 60068-2-6, test Fc:
displacement amplitude 0,75 mm, frequency range 10 to 55 Hz,
acceleration max. 10
g, duration 3
× 2 h
Vibration resistance up to 30
g upon request
IEC climatic category
To IEC 60068-1:
55/125/56 (– 55 °C/+ 125 °C/56 days damp heat test)
Detail specifications
Sectional specification
Similar to CECC 30301-803, CECC 30301-807
IEC 60384-4
I
L
0,3
µA
C
R
µF
-------
U
R
V
-------
⋅
èø
æö
⋅
0,7
≤
4
µA
+



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com