Electronic Components Datasheet Search
  English  ▼

X  

B41754 Datasheet(PDF) 5 Page - EPCOS

Part # B41754
Description  Automotive -125
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41754 Datasheet(HTML) 5 Page - EPCOS

  B41754 Datasheet HTML 1Page - EPCOS B41754 Datasheet HTML 2Page - EPCOS B41754 Datasheet HTML 3Page - EPCOS B41754 Datasheet HTML 4Page - EPCOS B41754 Datasheet HTML 5Page - EPCOS B41754 Datasheet HTML 6Page - EPCOS B41754 Datasheet HTML 7Page - EPCOS B41754 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
114 10/02
B41754
Automotive – 125 °C
Technical data
1) Max. 50 A due to max. terminal load
55 A in case of additional terminal cooling
CR
µF
ESRtyp
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
20
°C
m
Ω
ESRmax
100 Hz
−40 °C
m
Ω
ESR max
10 kHz
20
°C
m
Ω
Zmax
10 kHz
20
°C
m
Ω
I~max(B)
10 kHz
85
°C
A
I~max(B)
10 kHz
105
°C
A
I~R
10 kHz
125
°C
A
I~R(B)
10 kHz
125
°C
A
25 VDC
12 000 21
36
234
27
28
501)
501)
7,6
20
20 000 14
24
156
18
19
501)
501)
8,5
21
40 VDC
7 500
21
36
234
27
28
501)
501)
7,6
20
12 000 15
25
162
18
19
501)
501)
8,5
21
55 VDC
4 700
23
39
234
28
30
501)
501)
7,6
20
7 500
17
29
174
23
24
501)
501)
8,5
21
63 VDC
3 900
23
39
234
28
30
501)
501)
7,6
20
6 000
17
29
174
23
24
501)
501)
8,5
21



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com