Electronic Components Datasheet Search
  English  ▼

X  

B41754 Datasheet(PDF) 4 Page - EPCOS

Part # B41754
Description  Automotive -125
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41754 Datasheet(HTML) 4 Page - EPCOS

  B41754 Datasheet HTML 1Page - EPCOS B41754 Datasheet HTML 2Page - EPCOS B41754 Datasheet HTML 3Page - EPCOS B41754 Datasheet HTML 4Page - EPCOS B41754 Datasheet HTML 5Page - EPCOS B41754 Datasheet HTML 6Page - EPCOS B41754 Datasheet HTML 7Page - EPCOS B41754 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
113 10/02
B41754
Automotive – 125 °C
Overview of available types
Case dimensions and ordering codes
UR (VDC)
25
40
55
63
CR (µF)
Case dimensions
d
× l (mm)
3 900
50,9
× 39,5
4 700
50,9
× 39,5
6 000
50,9
× 49,5
7 500
50,9
× 39,5
50,9
× 49,5
12 000
50,9
× 39,5
50,9
× 49,5
20 000
50,9
× 49,5
UR
VDC
CR
µF
Case dimensions
d
× l
mm
Ordering code
25
12 000
50,9
× 39,5
B41754A5129M000
20 000
50,9
× 49,5
B41754A5209M000
40
7 500
50,9
× 39,5
B41754A7758M000
12 000
50,9
× 49,5
B41754A7129M000
55
4 700
50,9
× 39,5
B41754A0478M000
7 500
50,9
× 49,5
B41754A0758M000
63
3 900
50,9
× 39,5
B41754A8398M000
6 000
50,9
× 49,5
B41754A8608M000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com