Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 19 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA351 Datasheet HTML 15Page - Texas Instruments INA351 Datasheet HTML 16Page - Texas Instruments INA351 Datasheet HTML 17Page - Texas Instruments INA351 Datasheet HTML 18Page - Texas Instruments INA351 Datasheet HTML 19Page - Texas Instruments INA351 Datasheet HTML 20Page - Texas Instruments INA351 Datasheet HTML 21Page - Texas Instruments INA351 Datasheet HTML 22Page - Texas Instruments INA351 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
7 Detailed Description
7.1 Overview
The INA351 is a selectable gain instrumentation amplifier with integrated reference buffer designed to provide
an integrated, small size, cost-effective solution for applications employing general purpose INAs or discrete
implementation of INAs using commodity amplifiers and resistors. The device incorporates a three op amp
INA architecture integrating three operational amplifiers and seven precision matched integrated resistors. The
INA351 is designed for 10-bit to 14-bit systems without any additional effort, but calibrating offset and gain error
at a system level can further improve system resolution and accuracy, enabling use in precision applications.
One of the key features of the INA351 is that the device does not need any external resistors to set the gain.
Often these external resistors require tighter tolerance and careful routing, which adds to system complexity and
cost. The INA351 is offered in four gain options across two variants. The INA351ABS has two gain options of
10 and 20. The INA351CDS has two other gain options of 30 and 50. Gains can be selected by connecting the
GS pin to logic high or logic low. Note that the GS pin can be left floating as well, as the pin is designed with an
internal pull up to default to the same configuration as GS tied logic high.
The INA351 is designed for industrial applications leveraging pressure and temperature sensing via bridge-type
sensor networks and load cells. The device can also be used in space-constrained applications such as patient
monitoring, sleep diagnostics, electronic hospital beds, and blood glucose monitoring for voltage sensing and
differential to single-ended conversion. The INA351 can enable these applications to reduce the overall size
through the use of tiny packages, including a 2-mm × 1.5-mm X2QFN package and a 2-mm × 2-mm WSON
package.
7.2 Functional Block Diagram
+
–
+
–
+
–
60 k
60 k
60 k
60 k
REF
V+
OUT
V
IN
+IN
2
3
4
5
6
7
90 k
/ 145 k
90 k
/ 145 k
RG
GS
1
SHDN
8
_____
Note: 90 kΩ for INA351ABS and 145 kΩ for INA351CDS
Simplified Internal Schematic
www.ti.com
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com