Electronic Components Datasheet Search
  English  ▼

X  

INA351 Datasheet(PDF) 25 Page - Texas Instruments

Part # INA351
Description  INA351 Cost and Size Optimized, Low Power, 1.8V to 5.5V Selectable Gain Instrumentation Amplifier with Integrated Reference Buffer
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA351 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA351 Datasheet HTML 21Page - Texas Instruments INA351 Datasheet HTML 22Page - Texas Instruments INA351 Datasheet HTML 23Page - Texas Instruments INA351 Datasheet HTML 24Page - Texas Instruments INA351 Datasheet HTML 25Page - Texas Instruments INA351 Datasheet HTML 26Page - Texas Instruments INA351 Datasheet HTML 27Page - Texas Instruments INA351 Datasheet HTML 28Page - Texas Instruments INA351 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Reference Pin
The output voltage of the INA351 is developed with respect to the voltage on the reference pin (REF). Often in
dual-supply operation, REF pin connects to the system ground. However, In single-supply operation, offsetting
the output signal to a precise mid-supply level is useful and required (for example, 2.75-V in a 5.5-V supply
environment). To accomplish this level shift, a voltage source must be connected to the REF pin to level-shift
the output so that the INA can drive a single-supply ADC. Traditionally, this is accomplished using an external
reference buffer as shown in Figure 8-1.
The INA351 has an integrated reference buffer amplifier configured in unity gain, voltage follower configuration
internal to the amplifier as shown in Simplified Internal Schematic. This allows designers to directly connect the
INA351 to a resistive divider without any need for an external reference buffer amplifier as shown in Figure 8-2.
+IN
–IN
INA350
5 V
TLV9041
100 k
5 V
1
F
5 V
100 k
OUT
Figure 8-1. INA350 / Traditional INA – External Reference Buffer Required
+IN
–IN
5 V
OUT
100 k
1 µF
INA351
5 V
100 k
Figure 8-2. INA351 with Integrated Reference Buffer – No External Reference Buffer Required
www.ti.com
INA351
SBOSAD5D – DECEMBER 2022 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com