Electronic Components Datasheet Search
  English  ▼

X  

LOG200 Datasheet(PDF) 7 Page - Texas Instruments

Part # LOG200
Description  LOG200 Precision, High-Speed Logarithmic Amplifier With Integrated Photodiode Bias
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LOG200 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LOG200_V01 Datasheet HTML 3Page - Texas Instruments LOG200_V01 Datasheet HTML 4Page - Texas Instruments LOG200_V01 Datasheet HTML 5Page - Texas Instruments LOG200_V01 Datasheet HTML 6Page - Texas Instruments LOG200_V01 Datasheet HTML 7Page - Texas Instruments LOG200_V01 Datasheet HTML 8Page - Texas Instruments LOG200_V01 Datasheet HTML 9Page - Texas Instruments LOG200_V01 Datasheet HTML 10Page - Texas Instruments LOG200_V01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, VS = 5V (±2.5V) to 10V (±5V), OUTA RL = 10kΩ connected to VS / 2, OUTB RL = 2kΩ connected to VS / 2,
VCM = VREFA = VS / 2, VREFGND = VS–, II1 = 1µA, and II2 = 1µA (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE REFERENCE
VREF165 REF165 initial voltage
1.645
1.65
1.655
V
REF165 initial accuracy
–0.3
0.06
0.3
%
VREF25
REF25 initial voltage
2.494
2.5
2.506
V
REF25 initial accuracy
–0.24
0.05
0.24
%
Temperature coefficient
REF165 reference, REF25 reference
20
ppm/
℃
Load regulation
REF165 reference, –2mA < IREF165 < 5mA
–360
µV/mA
REF25 reference, –2mA < IREF25 < 5mA
–475
Line regulation
5V < VS < 10V
REF165 reference
16
µV/V
REF25 reference
30
Short-circuit current
–14
mA
Noise
4.2
µVRMS
NOISE
Voltage noise (2) (3)
f = 1kHz, II2 = IREF
II1 = 1nA
2000
nV/√Hz
II1 = 10nA
650
II1 = 100nA
210
II1 = 1µA
110
FREQUENCY RESPONSE
BW
–3dB bandwidth (4) (3)
I1 input
II2 = IREF, II1 = 100pA
12
kHz
II2 = IREF, II1 = 1nA
90
II2 = IREF, II1 = 10nA
0.5
MHz
II2 = IREF, II1 = 100nA
2.3
II2 = IREF, II1 = 1µA
6.3
II2 = IREF, II1 = 10µA to 10mA
20
I2 input
II1 = IREF, II2 = 100pA
0.05
kHz
II1 = IREF, II2 = 1nA
0.5
II1 = IREF, II2 = 10nA
5.2
II1 = IREF, II2 = 100nA
55
II1 = IREF, II2 = 1µA
0.55
MHz
II1 = IREF, II2 = 10µA to 10mA
6
MHz
Step response, I1 (5) (3)
II2 = IREF,
II1 = 100pA to 1nA
Rising
9
µs
Falling
30
II2 = IREF,
II1 = 1nA to 10nA
Rising
1.2
Falling
5
II2 = IREF,
II1 = 10nA to 100nA
Rising
0.24
Falling
0.62
II2 = IREF,
II1 = 100nA to 1µA
Rising
0.06
Falling
0.15
II2 = IREF,
II1 = 100µA to 1mA
Rising
0.02
Falling
0.03
POWER SUPPLY
IQ
Quiescent current
IOUTA = IOUTB = 0mA
9.5
10
mA
TA = –40°C to +125°C
13
(1)
The result of this calculation is dominated by the error from TA = 95°C to 125°C.
(2)
Output referred.
(3)
Measurement parasitic CIN of 3pF nominal.
(4)
Assumes parasitic CIN of 3pF or less.
(5)
Step response is defined as 10% to 90%.
www.ti.com
LOG200
SBOSA28A – AUGUST 2023 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LOG200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com